Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 61 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 61 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 57Page - CML Microcircuits FX980 Datasheet HTML 58Page - CML Microcircuits FX980 Datasheet HTML 59Page - CML Microcircuits FX980 Datasheet HTML 60Page - CML Microcircuits FX980 Datasheet HTML 61Page - CML Microcircuits FX980 Datasheet HTML 62Page - CML Microcircuits FX980 Datasheet HTML 63Page - CML Microcircuits FX980 Datasheet HTML 64Page - CML Microcircuits FX980 Datasheet HTML 65Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
61
D/980/3
TxDataAccess
Title:
Tx Data path Access point.
Address:
$0x50 to $0x53 (mapped over 4 locations)
Function:
RW
Description:
This register block allows direct access to the Tx Data path values just after the gain, phase and
offset adjustment block. Both read and write operations are permitted. A read operation reads
the signal values on the I and Q channels. A write operation will write data to the data path just
before the 15-tap filter. To prevent normal Tx data overwriting this value the TxDPAccessSel bit
in the LoopBackCtrl register should be set active. The MSB read data register is buffered to
enable access to a discrete sample value (if this register was not buffered, data from different
sample periods could be in the MSB and LSB registers). Therefore the LSB register must be
read first for correct operation.
Bit
Name
Active State
Function
Address $0x50
7:0
TxDPIDataLSB
Data RW
Least significant 8 bits of the TxDPIData register. This
register must be read before its associated MSB register.
Address $0x51
7:4
RW
Reserved. Set these bits Low. Undefined on read.
3:0
TxDPIDataMSB
Data RW
Most significant 2 bits of the TxDPIData register.
Address $0x52
7:0
TxDPQDataLSB
Data RW
Least significant 8 bits of the TxDPQData register. This
register must be read before its associated MSB register.
Address $0x53
7:4
RW
Reserved. Set these bits Low. Undefined on read.
3:0
TxDPQDataMSB
Data RW
Most significant 2 bits of the TxDPQData register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com