Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 59 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 59 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 55Page - CML Microcircuits FX980 Datasheet HTML 56Page - CML Microcircuits FX980 Datasheet HTML 57Page - CML Microcircuits FX980 Datasheet HTML 58Page - CML Microcircuits FX980 Datasheet HTML 59Page - CML Microcircuits FX980 Datasheet HTML 60Page - CML Microcircuits FX980 Datasheet HTML 61Page - CML Microcircuits FX980 Datasheet HTML 62Page - CML Microcircuits FX980 Datasheet HTML 63Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
59
D/980/3
TxPhase
Title:
Transmit I and Q channel Phase correction register
Address:
$0x40, $0x41, $0x46, $0x47 (4 locations)
Function:
RW
Description:
This register controls the Tx Data path I and Q channel phase compensation. The phase may
be adjusted by
±7.1° with respect to the input data signal phase. As each channel has separate
phase adjustments the maximum differential phase compensation that can be achieved is
±14.2°. The phase adjustment value written to this register is a 2s-complement value (N
phase).
The amount of phase adjustment applied is given by the formula:
φ
tan
N
2
- 1
phase
11
=
Where:
φ
N
phase
is the phase adjustment,
is the value in the register and has
a range of -256 to +255.
Note: Although each channel is separately adjustable with its own compensation value, the
effect of phase adjustment is only detectable by measuring the phase angle between I and Q
channels. It should be noted that the N
phase
value has the effect of lagging the I channel for
positive values of N
phase (conversely, leading the phase for negative values) and leading the Q
channel for positive values of N
phase
(conversely, lagging the phase for negative values). For
example, putting the value 10 (decimal) into both TxIPhase and TxQPhase would produce a
differential phase on I and Q of:
90
o - 2(tan-1(4.88x10-3)) = 89.44o
Bit
Name
Active State
Function
Address $0x40
7:0
TxIPhaseLSB
Data RW
Least significant 8 bits of the TxIPhase register (N
phase).
Address $0x41
7:1
RW
Reserved. Set these bits Low. Undefined on read.
0
TxIPhaseMSB
Data RW
Most significant bit of the TxIPhase register (sign bit).
Address $0x46
7:0
TxQPhaseLSB
Data RW
Least significant 8 bits of the TxQPhase register (N
phase).
Address $0x47
7:1
RW
Reserved. Set these bits Low. Undefined on read.
0
TxQPhaseMSB
Data RW
Most significant bit of the TxQPhase register (sign bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com