Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 78 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 78 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 74Page - CML Microcircuits FX980 Datasheet HTML 75Page - CML Microcircuits FX980 Datasheet HTML 76Page - CML Microcircuits FX980 Datasheet HTML 77Page - CML Microcircuits FX980 Datasheet HTML 78Page - CML Microcircuits FX980 Datasheet HTML 79Page - CML Microcircuits FX980 Datasheet HTML 80Page - CML Microcircuits FX980 Datasheet HTML 81Page - CML Microcircuits FX980 Datasheet HTML 82Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
78
D/980/3
Notes:
Offset adjustment for each channel is available by loading a 16-bit word into the receive offset register via the
serial interface.
Optimally, anti-alias filtering should be carried out as much as possible prior to any AGC function before the
receive inputs. This allows the AGC to act on a reduced bandwidth signal and thereby improve the relative
magnitude of the wanted part. The device has been designed to reduce the complexity of any external anti-
alias filter as much as possible and a 4-pole Butterworth with a -3dB point at about 60kHz should be adequate.
The internal anti-alias filter, if used, cannot provide the required 110dB attenuation at 2.3MHz and must be
supplemented by external filtering. The most simple supplementary system may be a one- or two-pole filter
before the AGC and an RC network after the AGC with a -3dB point on each filter of about 200kHz.
Auxiliary Circuit Parameters
Parameter
Typ
Units
Conditions/comments
DACs
Resolution
Settling time to 0.5 LSB
Output resistance
Integral non-linearity
Differential non-linearity
Zero error (offset)
Power (all DACs operating)
Minimum Resistive Load
RMS output noise voltage in 30kHz
bandwidth
ADC and Multiplexed inputs
Maximum input source impedance
Resolution
Maximum input signal "linear rate of
change" for < 1 bit error
Conversion time
Integral non-linearity
Differential non-linearity
Zero error (offset)
A-D Clock frequency
Input capacitance
Power
10
<10
<250
<4
<1
±20
<10
5
10
25
10
0.27
12
<2
<1
±20
MCLK/8
<5
<3
Bits
µSec
Ω
Bits
Bit
mV
mW
k
Ω
µV
k
Ω
Bits
mV/
µs
µSec
Bits
Bit
mV
(Hz)
pF
mW
Worst case large signal
transition
Guaranteed Monotonic
Gives < 1 bit error
No missing codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com