Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 77 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 77 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 73Page - CML Microcircuits FX980 Datasheet HTML 74Page - CML Microcircuits FX980 Datasheet HTML 75Page - CML Microcircuits FX980 Datasheet HTML 76Page - CML Microcircuits FX980 Datasheet HTML 77Page - CML Microcircuits FX980 Datasheet HTML 78Page - CML Microcircuits FX980 Datasheet HTML 79Page - CML Microcircuits FX980 Datasheet HTML 80Page - CML Microcircuits FX980 Datasheet HTML 81Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
77
D/980/3
Receive Parameters
Parameter
Typ
Units
Conditions/Comments
Input impedance
Differential Input voltage range
VCC=5.0V
VCC=3.3V
3rd order intercept
With internal anti-alias filter
disabled:-
Anti -alias requirements
@ 130kHz
@ 2.3MHz
ADC sampling rate
ADC resolution
Integral accuracy
Differential accuracy
RRC Roll-off coefficient (a)
|H(f)| 0 - 5.85kHz
|H(f)| @ 9kHz
|H(f)| @ 10.05kHz
|H(f)| @ 12.15kHz
|H(f)| @ 16kHz
|H(f)| @ 25kHz
|H(f)| @ 50kHz
|H(f)| @ 75kHz
FIR filter sampling rate
Output rate (16 bit words per
channel) - selectable
Offset
Gain matching, I to Q
Phase matching, I to Q
Storage time
Active Power
With internal anti-alias filter enabled:-
Anti -alias requirements
@ 130kHz
@ 2.3MHz
Active Power
<10
> 100
2.8
1.8
TBD
<-30
<-120
2.304
16
< ±1
< ±1
0.35
0
± 0.2
-3 ± 0.2
-6 ± 1
< -30
< -70
< -70
< -80
< -90
2.304
144
144
or 72
< 10
< ± 0.1
< ±0.5
< 15
<100
<-30
<110
pF
k
Ω
V pk-pk
(Typ)
dB
dB
MHz
Bits
LSB
LSB
dB
dB
dB
dB
dB
dB
dB
dB
MHz
kHz
kHz
kHz
mV
dB
Degrees
Symbols
mW
dB
mW
Capacitive load to VSS1 or VSS2
Source should be < 1000
Ω
Note this means ±0.7V or
±0.45V on each input of the
differential pair.
w.r.t. max. input level
w.r.t. max. input level
0 dB corresponds to 1V pk-pk
Decimation sections
RRC sections
Output via the serial interface at
4.608 MHz or 2.304MHz
Without adjustment
Without adjustment, 0 -10kHz
0 - 10kHz
3.3V power supply
Use network shown in Figure 2
w.r.t. max. input level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com