Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 69 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 69 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 65Page - CML Microcircuits FX980 Datasheet HTML 66Page - CML Microcircuits FX980 Datasheet HTML 67Page - CML Microcircuits FX980 Datasheet HTML 68Page - CML Microcircuits FX980 Datasheet HTML 69Page - CML Microcircuits FX980 Datasheet HTML 70Page - CML Microcircuits FX980 Datasheet HTML 71Page - CML Microcircuits FX980 Datasheet HTML 72Page - CML Microcircuits FX980 Datasheet HTML 73Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
69
D/980/3
BISTPRSG
Title:
Built In Self Test Pseudo Random Sequence Generator
Address:
$0x60 to $0x61 (2 locations)
Function:
RW
Description:
This register block allows control of BIST operations. This 16-bit number controls the length of
the BIST data sequence. It is the initial value (or seed) written to the pseudo-random sequence
generation logic. The length of the BIST data sequence is a function of the feedback logic
equation and this initial value.
The feedback function is fixed so run lengths are therefore
controlled by this value.
Which values to apply to give specific run lengths can be determined from a look-up table. This
table may be provided on request.
Bit
Name
Active State
Function
Address $0x60
7:0
BISTPRSGLSB
Data RW
Least significant 8 bits of the BISTPRSG register. This
register must be read before its associated MSB register.
Address $0x61
7:0
BISTPRSGMSB
Data RW
Most significant 8 bits of the BISTPRSG register. This
register must be read after its associated LSB register.
• Address and Data format for BISTPRSG access
D1 D0
D7 D6 D5 D4 D3 D2
D15 D14 D13 D12 D11 D10 D9 D8
0
Data field [15:0]
1
Address field
[6:0]
1
0
0
0
0
1
1
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com