Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 47 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 47 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 43Page - CML Microcircuits FX980 Datasheet HTML 44Page - CML Microcircuits FX980 Datasheet HTML 45Page - CML Microcircuits FX980 Datasheet HTML 46Page - CML Microcircuits FX980 Datasheet HTML 47Page - CML Microcircuits FX980 Datasheet HTML 48Page - CML Microcircuits FX980 Datasheet HTML 49Page - CML Microcircuits FX980 Datasheet HTML 50Page - CML Microcircuits FX980 Datasheet HTML 51Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
47
D/980/3
TxFIFOStatMask
Title:
Transmit data FIFO Status interrupt Mask register
Address:
$0x23
Function:
RW
Description:
Masks interrupts in the TxFIFOStatus register. On taking N_RESET Low, these bits are set
active, so masking out all possible interrupt sources. Each inactive bit will allow its associated
status bit to generate an interrupt. In the case of the status bits marked in the TxFIFOStatus
register with a parenthesised ‘L’, taking the mask bit inactive will enable the latching
mechanism.
Bit
Name
Active State
Function
7
n_TxPathEn_Mask
Low
RW
Tx Data path active interrupt mask bit.
6
n_FIFOUnderRead_Mask
Low
RW
FIFO underflow interrupt mask bit.
5
n_FIFOOverWrite_Mask
Low
RW
FIFO overflow interrupt mask bit.
4
n_FIFOFull_Mask
Low
RW
FIFO full interrupt mask bit.
3
n_FIFOLength1_Mask
Low
RW
FIFO length status (MSB) interrupt mask bit.
2
n_FIFOLength0_Mask
Low
RW
FIFO length status (LSB) interrupt mask bit.
1
n_FIFOEmpty_Mask
Low
RW
FIFO empty interrupt mask bit.
0
Data
RW
Reserved for manufacturer’s test purposes. This bit
should be set Low.
• Address and Data format for TxFIFOStatMask access
D1
R
D7 D6 D5 D4 D3 D2
Data field [7:0]
Address field [6:0]
1
1
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com