| Electronic Components Datasheet Search |
|
FX980 Datasheet(PDF) 14 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX980 Datasheet(HTML) 14 Page - CML Microcircuits |
|
14 / 86 page ![]() TETRA Baseband Processor FX980 © 1997 Consumer Microcircuits Limited 14 D/980/3 Example: To program the fifth and sixth locations of the Auxiliary SRAM with $0x01AA the commands would be: $0x0000 ⇒Cmd ; set ConfigCtrl1 all bits Low ; use default conditions $0x0118 ⇒Cmd ; set ConfigCtrl2 bits 7 and 6 Low ; required by default for these Reserved bits ; set ConfigCtrl2 bit 4 High ; post-increment addresses on a read operation ; set ConfigCtrl2 bit 3 High ; enable read/write access to the Auxiliary SRAM $0xF300 ⇒Cmd ; read SramData LSB register ; read fourth memory location (LSB). Post-increment pointer. CmdRd ⇒$0xF3xx ; SramData LSB register data returned ; discard this byte $0x7002 ⇒Cmd ; write SramData LSB register ; write $0x02 to fifth memory location (LSB) $0x716A ⇒Cmd ; write SramData MSB register ; write $0x6A to sixth memory location (MSB) $0xF000 ⇒Cmd ; read SramData LSB register ; read fifth memory location (LSB) CmdRd ⇒$0xF002 ; SramData LSB register data returned ; check this byte is $0x02 $0xF100 ⇒Cmd ; read SramData MSB register ; read sixth memory location (MSB) CmdRd ⇒$0xF16A ; SramData MSB register data returned ; check this byte is $0x6A $0x0110 ⇒Cmd ; set ConfigCtrl2 bit 3 Low ; disable read/write access to the Auxiliary SRAM 1.5.6.6 Coefficient Memory The convention for naming filter coefficients is A1 to An, where n is given by (Filter Length + 1)/2, i.e. for the 15-tap filter, n = 8. This arises from the internal architecture of the filters and the fact that they are all “odd” and symmetrical. Write or read operations beyond this coefficient number will be reflected about the central coefficient e.g. the tenth read operation from the 15-tap filter would access coefficient location A6. There is no practical reason to write or read beyond location n, but the user in any case must avoid write operations at the (Filter Length + 1) location. This location (A0) location must be zero for the filters to operate correctly. The global reset (N-RESET pin) establishes this condition when taken Low. 1.5.7 Register Description This section describes in detail each of the registers and access points addressed by the Command Control Serial Word. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |