Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 4Page - CML Microcircuits FX980 Datasheet HTML 5Page - CML Microcircuits FX980 Datasheet HTML 6Page - CML Microcircuits FX980 Datasheet HTML 7Page - CML Microcircuits FX980 Datasheet HTML 8Page - CML Microcircuits FX980 Datasheet HTML 9Page - CML Microcircuits FX980 Datasheet HTML 10Page - CML Microcircuits FX980 Datasheet HTML 11Page - CML Microcircuits FX980 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
8
D/980/3
1.5.2
Tx Data Path
The features described below give a high degree of flexibility for the user to compensate in the
baseband processing for non-ideal performance in the IF, RF and RF linear amplifier sections.
1.5.2.1 Modulator
This takes the 2-bit symbols, performs a Gray code conversion and uses a recursive adder to
generate a 3-bit code representing the 8 possible phase states. A look up table provides the digitally
encoded I and Q values for each phase state. The modulator function can be by-passed if required; in
this case the 3-bit code representing the 8 possible phase states which are passed to the look up
table is provided directly via the serial interface.
1.5.2.2 Filters
Digital filtering is applied to the data from the modulator; the coefficients are set as default to give a
Root Raised Cosine response with roll-off factor of 0.35. These FIR filters operate at 8x the incoming
symbol rate and are configured, for each channel, as two filters in cascade: the first filter has 79 taps
and the second filter has 49 taps. The first filter is used to enhance stop-band rejection and act as a
sampling correction filter and the second filter provides the primary shaping. Coefficients for the filters
may also be downloaded to the device via the serial interface; this gives the opportunity, if required, to
fine tune the frequency response of a complete system so as to minimise the BER or to use the
device in other applications. The filters can also be by-passed if required.
1.5.2.3 Gain Multiplier
This circuitry allows independent external control of the digital amplitudes in the I and Q channels to
12 bits of resolution. Extra circuits allow a mode of operation which will enable linear ramping up to a
maximum value, stay at this value for a specified duration, then ramp back down to zero. The
maximum value for each channel, the duration at maximum, the ramping up rate and the ramping
down rate are all programmable via the serial interface.
1.5.2.4 Offset Adjust
Offset registers allow any offsets introduced in the analogue sections of the transmit path to be
corrected digitally via the serial interface. The offset adjust has a resolution of 1 LSB and a maximum
value of 0.25x full scale.
1.5.2.5 Sigma-Delta D-A Converters and Reconstruction Filters
The converters are designed to have low distortion and >80dB dynamic range. These 3rd order
converters operate at a frequency of 128x symbol rate so as to over-sample the data at their inputs a
further 16 times. The reconstruction filters are 5th order, switched capacitor, low pass filters designed
to work in conjunction with an external RC.
1.5.2.6 Phase Pre-distortion
A further feature allows the user to compensate for a non-orthogonal carrier phase in the external
quadrature modulator by adding a programmable fraction of up to 1/8 of the filtered I and Q channel
signals to each other immediately prior to the DAC input.
1.5.2.7 Ramping Output Amplitude
A facility is provided to allow linear ramping of the outputs.
This is accomplished, if enabled, by
multiplying the gain multiplier words by the ramping control register (RCR) value. The RCR is a 12-bit
word, representing a value from 0 to 1, which is designed to increment by an amount (INC) until its
maximum value. This value is held until a number of symbol times from the start of transmission
(TRD) when RCR decrements by an amount (DEC) until zero. INC, DEC and TRD are all 12-bit words
input via the serial interface prior to the start of a transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com