Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 63 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 63 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 59Page - CML Microcircuits FX980 Datasheet HTML 60Page - CML Microcircuits FX980 Datasheet HTML 61Page - CML Microcircuits FX980 Datasheet HTML 62Page - CML Microcircuits FX980 Datasheet HTML 63Page - CML Microcircuits FX980 Datasheet HTML 64Page - CML Microcircuits FX980 Datasheet HTML 65Page - CML Microcircuits FX980 Datasheet HTML 66Page - CML Microcircuits FX980 Datasheet HTML 67Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
63
D/980/3
RxIQGainMult
Title:
Receive I and Q channel Gain Multiplier register
Address:
$0x30, $0x31, $0x34 and $0x35 (4 locations)
Function:
RW
Description:
A 2s-complement multiplication is performed on the magnitude of the Rx Data path signal and
the result is then re-normalised to the system’s dynamic range: thus the function may be
considered as a digital attenuator. This multiplication is applied to the Rx signal after the ADC
decimation filter, but before offset adjustment and the 63-tap and 49-tap FIR filters. This register
sets the multiplier, the result being given by the formula:
D
D
G
2
out
in
val
15
=
Where:
Din
Dout
G
val
is the signal input,
is the signal output,
is the value in the register.
Bit
Name
Active State
Function
Address $0x30
7:0
RxIGainLSB
Data RW
Least significant 8 bits of the RxIGain register (G
val).
Address $0x31
7:3
RW
Reserved. Set these bits Low. Undefined on read.
2:0
RxIGainMSB
Data RW
Most significant 3 bits of the RxIGain register (G
val).
Address $0x34
7:0
RxQGainLSB
Data RW
Least significant 8 bits of the RxQGain register (G
val).
Address $0x35
7:3
RW
Reserved. Set these bits Low. Undefined on read.
2:0
RxQGainMSB
Data RW
Most significant 3 bits of the RxQGain register (G
val).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com