Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 15 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 11Page - CML Microcircuits FX980 Datasheet HTML 12Page - CML Microcircuits FX980 Datasheet HTML 13Page - CML Microcircuits FX980 Datasheet HTML 14Page - CML Microcircuits FX980 Datasheet HTML 15Page - CML Microcircuits FX980 Datasheet HTML 16Page - CML Microcircuits FX980 Datasheet HTML 17Page - CML Microcircuits FX980 Datasheet HTML 18Page - CML Microcircuits FX980 Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
15
D/980/3
Key to Register Map
Each section that follows describes in detail the operation and use of each of the registers in the device. The
registers are split into their functional groups, grouping associated registers together. Each section consists of
a Title, an Address, a Function Reference Field, a Description, and a Bit Specification.
The Function Reference Field describes the overall access available to this section (RW/W/R, where R = Read
and W = Write).
The Bit Specification describes the function of each individual bit, or a range of bits within a register. There is a
separate line for each distinct field of bits. The State column indicates the action available to each group of
bits (RW/W/R).
Register Reset State
All I/O access points (both read and write) are reset to logic zero on taking N_RESET Low, except where
explicitly shown in this document. The reset state of status bits will depend on the level of the status signal
being monitored. Other registers (both read and write) are not affected by taking N_RESET Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com