Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 43 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 43 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 39Page - CML Microcircuits FX980 Datasheet HTML 40Page - CML Microcircuits FX980 Datasheet HTML 41Page - CML Microcircuits FX980 Datasheet HTML 42Page - CML Microcircuits FX980 Datasheet HTML 43Page - CML Microcircuits FX980 Datasheet HTML 44Page - CML Microcircuits FX980 Datasheet HTML 45Page - CML Microcircuits FX980 Datasheet HTML 46Page - CML Microcircuits FX980 Datasheet HTML 47Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
43
D/980/3
RxErrorStatus
Title:
Receive Error Status register.
Address:
$0x20
Function:
R
Description:
This register is the Rx Data path error status register. The RxIrqActive bit is set active when one
of the other bits in this register is the source of an interrupt event. All these error conditions are
caused by transitory events, therefore the error condition is latched (marked with an ‘L’).
Reading this status register causes all latched bits to be set inactive unless an error event is
currently pending.
Setting any bit of this register High will cause an interrupt to be generated (N_IRQ will be set
Low) if the source of the interrupt has not been masked in the corresponding Mask register.
Bit
Name
Active State
Function
7
RxDataPathQOF
High
RL
Data path gain, phase and offset (GPO) adjustment unit: Q
channel overflow error status bit.
6
RxDataPathIOF
High
RL
Data path gain, phase and offset (GPO) adjustment unit:
I channel overflow error status bit.
5
AdcQOF
High
RL
ADC Q channel overflow error due to excessive input
amplitude.
4
AdcIOF
High
RL
ADC I channel overflow error due to excessive input
amplitude.
3
Rx63tapOF
High
RL
63-tap I and Q filter data accumulator overflow error status
bit.
2
Rx49tapOF
High
RL
49-tap I and Q filter data accumulator overflow error status
bit.
1
EvenSamplePhase
High
RL
When this status bit is active, the associated interrupt may
be used to re-synchronise the Rx data if for any reason
data synchronisation is lost. If the corresponding mask bit
is set inactive, an interrupt will be generated on the next
Q-phase data in the Rx output register. The next falling
edge of SClk with RxFS High indicates the LSB of the Q
channel data. The mask bit should be disabled after this to
prevent continuous Q-phase interrupts.
0
RxIrqActive
High
RL
This bit is set High if there is an active interrupt caused by
one of the status bits in this register.
• Address and Data format for RxErrorStatus access
D1 D0
D7 D6 D5 D4 D3 D2
Data field [7:0]
Address field [6:0]
0
0
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com