Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 68 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 68 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 64Page - CML Microcircuits FX980 Datasheet HTML 65Page - CML Microcircuits FX980 Datasheet HTML 66Page - CML Microcircuits FX980 Datasheet HTML 67Page - CML Microcircuits FX980 Datasheet HTML 68Page - CML Microcircuits FX980 Datasheet HTML 69Page - CML Microcircuits FX980 Datasheet HTML 70Page - CML Microcircuits FX980 Datasheet HTML 71Page - CML Microcircuits FX980 Datasheet HTML 72Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
68
D/980/3
BISTControl
Title:
Built In Self Test Control register
Address:
$0x62
Function:
RW
Description:
This register block allows control of BIST operations.
Bit
Name
Active State
Function
7
TestCompleteAck
High/
Low
RW
This bit is set by the user and cleared by the BIST
controller when a BIST cycle has been completed.
6
n_RampDelayEn
Low RW
Allow Ramp control signal delay. This delay is required
for normal operations, by matching the FIR filter delays.
For BIST operations it can be disabled thus reducing BIST
test time.
5
BISTDataRateHi
High RW
Selects BIST data rate = 2.34 MHz
Default rate (Low)
= 1.44 kHz
4
BISTEn
High RW
Enables BIST operations.
3
ContinuousBIST
High RW
Selects continuous BIST mode.
Default (Low) selects single cycle mode.
2
EnRxDigitalFeedBack
High RW
Selects Rx digital loop feedback for 49-tap Tx FIR input
data. Default (Low) selects normal Tx data.
1
En49tlQData
High RW
Selects BIST data for 49-tap Tx FIR filter input.
Default (Low) selects normal data.
0
EnSymTestData
High RW
Selects BIST data for 79-tap FIR filter input.
Default (Low) selects normal data.
• Address and Data format for BistControl access
D1 D0
D7 D6 D5 D4 D3 D2
Data field [7:0]
Address field [6:0]
1
0
1
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com