Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 2Page - CML Microcircuits FX980 Datasheet HTML 3Page - CML Microcircuits FX980 Datasheet HTML 4Page - CML Microcircuits FX980 Datasheet HTML 5Page - CML Microcircuits FX980 Datasheet HTML 6Page - CML Microcircuits FX980 Datasheet HTML 7Page - CML Microcircuits FX980 Datasheet HTML 8Page - CML Microcircuits FX980 Datasheet HTML 9Page - CML Microcircuits FX980 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
6
D/980/3
1.4
External Components
Rx Inputs
When using the internal anti-alias filter, the following is suggested
Example values:
R1 = 220
Ω
C1 = 1.5nF (R1, C1 precise values are not critical) (-3dB at 240kHz)
R2 = 408
Ω
C2 = 3.9nF (R2 x C2 time constant should be preserved) (-3dB at 50kHz)
When not using the internal anti alias filter, it is suggested that the user should follow the guidelines in Section
1.5.3.1. In both cases, there should be at least one filter pole close to the chip inputs.
Figure 2a Recommended External Components - Rx Inputs
Tx Outputs
Example values:
R3 = 220
Ω
C3 =
1nF
Decoupling capacitors should be employed as detailed in Section 1.5.1
Figure 2b Recommended External Components - Tx Outputs
AGC
IRXP
IRXN
QRXP
QRXN
Filter 1
R2
R2
C2
R2
R2
C2
R1
R1
R3
R1
C1
C1
R1
C3
ITXP
ITXN
QTXP
QTXN
R3
C3
R3
R3
C3
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com