Electronic Components Datasheet Search
  English  ▼

X  

FX980 Datasheet(PDF) 65 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 65 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 61Page - CML Microcircuits FX980 Datasheet HTML 62Page - CML Microcircuits FX980 Datasheet HTML 63Page - CML Microcircuits FX980 Datasheet HTML 64Page - CML Microcircuits FX980 Datasheet HTML 65Page - CML Microcircuits FX980 Datasheet HTML 66Page - CML Microcircuits FX980 Datasheet HTML 67Page - CML Microcircuits FX980 Datasheet HTML 68Page - CML Microcircuits FX980 Datasheet HTML 69Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
65
D/980/3
RxIQOffset
Title:
Receive I and Q Channel Offset correction register
Address:
$0x32, $0x33, $0x36, and $0x37 (4 locations)
Function:
RW
Description:
This register controls the Rx Data path signal offset. This offset is a 2s-complement value
(N
offset), which is applied to the Rx signal after the Gain Multiplier (Gval), but before the 63-tap and
49-tap FIR filters. The offset applied is at the discretion of the user. Inappropriate values may
cause arithmetic overflow in the subsequent operator sections. The result is given by the
formula:
D
D +
N
2
out
in
offset
15
=
Where:
Din
Dout
N
offset
is the signal input,
is the signal output,
is the 2s-complement value
in the register.
Bit
Name
Active State
Function
Address $0x32
7:0
RxIOffsetLSB
Data RW
Least significant 8 bits of the RxIOffset register (N
offset).
Address $0x33
7:4
RW
Reserved. Set these bits Low. Undefined on read.
3:0
RxIOffsetMSB
Data RW
Most significant 4 bits of the RxIOffset register (N
offset).
Address $0x36
7:0
RxQOffsetLSB
Data RW
Least significant 8 bits of the RxQOffset register (N
offset).
Address $0x37
7:4
RW
Reserved. Set these bits Low. Undefined on read.
3:0
RxQOffsetMSB
Data RW
Most significant 4 bits of the RxQOffset register (N
offset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com