| Electronic Components Datasheet Search |
|
FX980 Datasheet(PDF) 48 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX980 Datasheet(HTML) 48 Page - CML Microcircuits |
|
48 / 86 page ![]() TETRA Baseband Processor FX980 © 1997 Consumer Microcircuits Limited 48 D/980/3 CoeffRamData Title: I/O access addresses for the five coefficient memories. Address: $0x24 to $0x2D (mapped over 10 locations) Function: RW Description: Each coefficient RAM has both MSB and LSB address ports assigned for read/write access. There are three transmit (Tx) FIR filters with read/write coefficients and two receive (Rx) filters, with coefficient sizes of 12 and 16 bits respectively. Access to the coefficient memory is valid when the CoeffRamIoEn bit is active. Asserting the CoeffRamIoEn will reset the Coefficient Address Pointer to the first location (A1). The MSB port should be accessed first, as accessing the LSB port will move the Coefficient Address Pointer to the next coefficient location (A[n+1]) (refer to description of CoeffRamIoRdInc bit for details). Subsequent accesses to the LSB port of the coefficient address will increment the Coefficient Address Pointer. As all filters are symmetrical and “odd”, only N + 1 2 locations can be programmed, where N is the filter tap length. Performing an I/O access after the last Coefficient Address Pointer is not valid, and may corrupt existing coefficients. Only one FIR filter coefficient RAM may be accessed at a time. If further memories are to be accessed then the CoeffRamIoEn must first be deactivated, and then activated again, allowing the next FIR filter coefficient RAM to be incrementally accessed. Bit Name Active State Function Address $0x24 7:0 Tx15tapCoeffLSB Data RW Transmit 15-tap filter LSB coefficient data port. Post-increment the coefficient address pointer. Address $0x25 7:4 RW Reserved. Set these bits High. Undefined on read. 3:0 Tx15tapCoeffMSB Data RW Transmit 15-tap filter MSB coefficient data port. Address $0x26 7:0 Tx49tapCoeffLSB Data RW Transmit 49-tap filter LSB coefficient data port. Post-increment the coefficient address pointer. Address $0x27 7:4 RW Reserved. Set these bits High. Undefined on read. 3:0 Tx49tapCoeffMSB Data RW Transmit 49-tap filter MSB coefficient data port. Address $0x28 7:0 Tx79tapCoeffLSB Data RW Transmit 79-tap filter LSB coefficient data port. Post-increment the coefficient address pointer. Address $0x29 7:4 RW Reserved. Set these bits High. Undefined on read. 3:0 Tx79tapCoeffMSB Data RW Transmit 79-tap filter MSB coefficient data port. Address $0x2A 7:0 Rx49tapCoeffLSB Data RW Receive 49-tap filter LSB coefficient data port. Post-increment the coefficient address pointer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |