Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 146 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 142Page - Texas Instruments AM3892 Datasheet HTML 143Page - Texas Instruments AM3892 Datasheet HTML 144Page - Texas Instruments AM3892 Datasheet HTML 145Page - Texas Instruments AM3892 Datasheet HTML 146Page - Texas Instruments AM3892 Datasheet HTML 147Page - Texas Instruments AM3892 Datasheet HTML 148Page - Texas Instruments AM3892 Datasheet HTML 149Page - Texas Instruments AM3892 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
7.4.2
Cortex™-A8 Interrupts
The Cortex™-A8 Interrupt Controller (AINTC) takes ARM device interrupts and maps them to either the
interrupt request (IRQ) or fast interrupt request (FIQ) of the ARM with an individual priority level. The
AINTC interrupts must be active low-level interrupts.
The AINTC is responsible for prioritizing all service requests from the system peripherals directed to the
Cortex™-A8 SS and generating either nIRQ or nFIQ to the host. The type of the interrupt (nIRQ or nFIQ)
and the priority of the interrupt inputs are programmable. It has the capability to handle up to 128 requests
which can be steered/prioritized as nFIQ or nIRQ interrupt requests.
The general features of the AINTC are:
•
Up to 128 level-sensitive interrupts inputs
•
Individual priority for each interrupt input
•
Each interrupt can be steered to nFIQ or nIRQ
•
Independent priority sorting for nFIQ and nIRQ
•
Secure mask flag.
Table 7-18. Cortex™-A8 Interrupt Controller Connections
INTERRUPT
ACRONYM
SOURCE
NUMBER
0
EMUINT
Internal
1
COMMTX
Internal
2
COMMRX
Internal
3
BENCH
Internal
4
ELM_IRQ
ELM
5-6
-
7
NMI
External Pin
8
-
9
L3DEBUG
L3
10
L3APPINT
L3
11
-
12
EDMACOMPINT
TPCC
13
EDMAMPERR
TPCC
14
EDMAERRINT
TPCC
15
-
16
SATAINT
SATA
17
USBSSINT
USBSS
18
USBINT0
USBSS
19
USBINT1
USBSS
20-33
-
34
USBWAKEUP
USBSS
35
PCIeWAKEUP
PCIe
36
DSSINT
HDVPSS
37
GFXINT
SGX530
(AM8394 only)
38
HDMIINT
HDMI
39
-
40
MACRXTHR0
EMAC0
41
MACRXINT0
EMAC0
42
MACTXINT0
EMAC0
146
Power, Reset, Clocking, and Interrupts
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com