Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 211 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 211 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 207Page - Texas Instruments AM3892 Datasheet HTML 208Page - Texas Instruments AM3892 Datasheet HTML 209Page - Texas Instruments AM3892 Datasheet HTML 210Page - Texas Instruments AM3892 Datasheet HTML 211Page - Texas Instruments AM3892 Datasheet HTML 212Page - Texas Instruments AM3892 Datasheet HTML 213Page - Texas Instruments AM3892 Datasheet HTML 214Page - Texas Instruments AM3892 Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-55. Switching Characteristics Over Recommended Operating Conditions for GPMC/NOR Flash
Interface - Synchronous Mode (continued)
(see Figure 8-51, Figure 8-52, Figure 8-53, Figure 8-54, Figure 8-55, Figure 8-56)
NO.
PARAMETER
MIN
MAX
UNIT
15
td(CLKH-nWE)
Delay time, GPMC_CLK rising edge to GPMC_WE transition
I - 2.3(9)
I + 4.5(9)
ns
Delay time, GPMC_CLK rising edge to GPMC_D[15:0] data bus
16
td(CLKH-Data)
J - 2.3(10)
J + 1.9(10)
ns
transition
Delay time, GPMC_CLK rising edge to GPMC_BE0_CLE,
18
td(CLKH-nBE)
J - 2.3(10)
J + 1.9(10)
ns
GPMC_BE1 transition
19
tw(nCSV)
Pulse duration, GPMC_CS[x] low
A(11)
ns
20
tw(nBEV)
Pulse duration, GPMC_BE0_CLE, GPMC_BE1 low
C(12)
ns
21
tw(nADVV)
Pulse duration, GPMC_ADV_ALE low
K(13)
ns
Delay time, GPMC_CLK rising edge to GPMC_DIR high (IN
24
td(CLKH-DIR)
H - 2.3(8)
H + 4.5(8)
ns
direction)
Delay time, GPCM_CLK rising edge to GPMC_DIR low (OUT
25
td(CLKH-DIRIV)
M - 2.3(14)
M + 4.5(14)
ns
direction)
(9)
For WE falling edge (WE activated):
•
Case GpmcFCLKDivider = 0:
I = 0.5 * WEExtraDelay * GPMC_FCLK
•
Case GpmcFCLKDivider = 1:
I = 0.5 * WEExtraDelay * GPMC_FCLK if (ClkActivationTime and WEOnTime are odd) or (ClkActivationTime and WEOnTime are
even)
I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK otherwise
•
Case GpmcFCLKDivider = 2:
I = 0.5 * WEExtraDelay * GPMC_FCLK if ((WEOnTime - ClkActivationTime) is a multiple of 3)
I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK if ((WEOnTime - ClkActivationTime - 1) is a multiple of 3)
I = (2 + 0.5 * WEExtraDelay) * GPMC_FCLK if ((WEOnTime - ClkActivationTime - 2) is a multiple of 3)
For WE rising edge (WE deactivated):
•
Case GpmcFCLKDivider = 0:
I = 0.5 * WEExtraDelay * GPMC_FCLK
•
Case GpmcFCLKDivider = 1:
I = 0.5 * WEExtraDelay * GPMC_FCLK if (ClkActivationTime and WEOffTime are odd) or (ClkActivationTime and WEOffTime are
even)
I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK otherwise
•
Case GpmcFCLKDivider = 2:
I = 0.5 * WEExtraDelay * GPMC_FCLK if ((WEOffTime - ClkActivationTime) is a multiple of 3)
I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK if ((WEOffTime - ClkActivationTime - 1) is a multiple of 3)
I = (2 + 0.5 * WEExtraDelay) * GPMC_FCLK if ((WEOffTime - ClkActivationTime - 2) is a multiple of 3)
(10) J = GPMC_FCLK period.
(11) For single read: A = (CSRdOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK period
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK period [n
= page burst access number]
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK period [n
= page burst access number]
(12) For single read: C = RdCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: C = (RdCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK [n = page burst access
number]
For Burst write: C = (WrCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK [n = page burst
access number]
(13) For read: K = (ADVRdOffTime - ADVOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For write: K = (ADVWrOffTime - ADVOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(14) M = ( RdCycleTime - AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK.
Parameter M expression is given as one example of GPMC programming. The IO DIR signal goes from IN to OUT after both
RdCycleTime and BusTurnAround completion. Behavior of the IO direction signal depends on the kind of successive read/write
accesses performed to the memory and multiplexed or non-multiplexed memory addressing scheme, whether the bus keeping feature is
enabled or not. The IO DIR behavior is automatically handled by the GPMC controller.
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
211
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com