Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 207 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 207 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 203Page - Texas Instruments AM3892 Datasheet HTML 204Page - Texas Instruments AM3892 Datasheet HTML 205Page - Texas Instruments AM3892 Datasheet HTML 206Page - Texas Instruments AM3892 Datasheet HTML 207Page - Texas Instruments AM3892 Datasheet HTML 208Page - Texas Instruments AM3892 Datasheet HTML 209Page - Texas Instruments AM3892 Datasheet HTML 210Page - Texas Instruments AM3892 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-52. GPMC Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x5000 0074 + (0x0000 0030 * i)
GPMC_CONFIG6_0 -
Parameter Configuration 6_0-5
GPMC_CONFIG6_5
0x5000 0078 + (0x0000 0030 * i)
GPMC_CONFIG7_0 -
Parameter Configuration 7_0-5
GPMC_CONFIG7_5
0x5000 007C + (0x0000 0030 * i)
GPMC_NAND_COMMAND_0 -
NAND Command 0-5
GPMC_NAND_COMMAND_5
0x5000 0080 + (0x0000 0030 * i)
GPMC_NAND_ADDRESS_0 -
NAND Address 0-5
GPMC_NAND_ADDRESS_5
0x5000 0084 + (0x0000 0030 * i)
GPMC_NAND_DATA_0 -
NAND Data 0-5
GPMC_NAND_DATA_5
0x5000 01E0
GPMC_PREFETCH_CONFIG1
Prefetch Configuration 1
0x5000 01E4
GPMC_PREFETCH_CONFIG2
Prefetch Configuration 2
0x5000 01EC
GPMC_PREFETCH_CONTROL
Prefetch Control
0x5000 01F0
GPMC_PREFETCH_STATUS
Prefetch Status
0x5000 01F4
GPMC_ECC_CONFIG
ECC Configuration
0x5000 01F8
GPMC_ECC_CONTROL
ECC Control
0x5000 01FC
GPMC_ECC_SIZE_CONFIG
ECC Size Configuration
0x5000 0200 + (0x0000 0004 * j)
GPMC_ECC0_RESULT -
ECC0-8 Result
GPMC_ECC8_RESULT
0x5000 0240 + (0x0000 0010 * i)
GPMC_BCH_RESULT0_0 -
BCH Result 0_0-5
GPMC_BCH_RESULT0_5
0x5000 0244 + (0x0000 0010 * i)
GPMC_BCH_RESULT1_0 -
BCH Result 1_0-5
GPMC_BCH_RESULT1_5
0x5000 0248 + (0x0000 0010 * i)
GPMC_BCH_RESULT2_0 -
BCH Result 2_0-5
GPMC_BCH_RESULT2_5
0x5000 024C + (0x0000 0010 * i)
GPMC_BCH_RESULT3_0 -
BCH Result 3_0-5
GPMC_BCH_RESULT3_5
0x5000 0300 + (0x0000 0010 * i)
GPMC_BCH_RESULT4_0 -
BCH Result 4_0-5
GPMC_BCH_RESULT4_5
0x5000 0304 + (0x0000 0010 * i)
GPMC_BCH_RESULT5_0 -
BCH Result 5_0-5
GPMC_BCH_RESULT5_5
0x5000 0308 + (0x0000 0010 * i)
GPMC_BCH_RESULT6_0 -
BCH Result 6_0-5
GPMC_BCH_RESULT6_5
0x5000 02D0
GPMC_BCH_SWDATA
BCH Data
Table 8-53. ELM Registers(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4808 0000
ELM_REVISION
Revision
0x4808 0010
ELM_SYSCONFIG
Configuration
0x4808 0014
ELM_SYSSTATUS
Status
0x4808 0018
ELM_IRQSTATUS
Interrupt status
0x4808 001C
ELM_IRQENABLE
Interrupt enable
0x4808 0020
ELM_LOCATION_CONFIG
ECC algorithm parameters
0x4808 0080
ELM_PAGE_CTRL
Page definition
0x4808 0400 + (0x40 * i)
ELM_SYNDROME_FRAGMENT_0_i
Input syndrome polynomial bits 0 to 31
0x4808 0404 + (0x40 * i)
ELM_SYNDROME_FRAGMENT_1_i
Input syndrome polynomial bits 32 to 63
0x4808 0408 + (0x40 * i)
ELM_SYNDROME_FRAGMENT_2_i
Input syndrome polynomial bits 64 to 95
0x4808 040C + (0x40 * i)
ELM_SYNDROME_FRAGMENT_3_i
Input syndrome polynomial bits 96 to 127
0x4808 0410 + (0x40 * i)
ELM_SYNDROME_FRAGMENT_4_i
Input syndrome polynomial bits 128 to 159
0x4808 0414 + (0x40 * i)
ELM_SYNDROME_FRAGMENT_5_i
Input syndrome polynomial bits 160 to 191
(1)
i = 0 to 7.
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
207
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com