Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 206 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 206 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 202Page - Texas Instruments AM3892 Datasheet HTML 203Page - Texas Instruments AM3892 Datasheet HTML 204Page - Texas Instruments AM3892 Datasheet HTML 205Page - Texas Instruments AM3892 Datasheet HTML 206Page - Texas Instruments AM3892 Datasheet HTML 207Page - Texas Instruments AM3892 Datasheet HTML 208Page - Texas Instruments AM3892 Datasheet HTML 209Page - Texas Instruments AM3892 Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.8
General-Purpose Memory Controller (GPMC) and Error Locator Module (ELM)
The GPMC is a device memory controller used to provide a glueless interface to external memory devices
such as NOR Flash, NAND Flash (with BCH and Hamming Error Code Detection for 8-bit or 16-bit NAND
Flash), SRAM, and Pseudo-SRAM. It includes flexible asynchronous protocol control for interface to
SRAM-like memories and custom logic (FPGA, CPLD, ASICs, etc.).
Other supported features include:
•
8-/16-bit wide multiplexed address/data bus
•
Up to 6 chip selects with up to 256M-byte address space per chip select pin
•
Non-multiplexed address/data mode
•
Pre-fetch and write posting engine associated with system DMA to get full performance from NAND
device with minimum impact on NOR/SRAM concurrent access.
The device also contains an Error Locator Module (ELM) which is used to extract error addresses from
syndrome polynomials generated using a BCH algorithm. Each of these polynomials gives a status of the
read operations for a 512 bytes block from a NAND flash and its associated BCH parity bits, plus
optionally spare area information. The ELM has the following features:
•
4-bit, 8-bit, and 16-bit per 512-byte block error location based on BCH algorithms
•
Eight simultaneous processing contexts
•
Page-based and continuous modes
•
Interrupt generation on error location process completion
–
When the full page has been processed in page mode
–
For each syndrome polynomial in continuous mode.
For more detailed information on the GPMC, see the GPMC chapter in the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
8.8.1
GPMC and ELM Peripheral Register Descriptions
Table 8-52. GPMC Registers(1)(2)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x5000 0000
GPMC_REVISION
GPIO Revision
0x5000 0010
GPMC_SYSCONFIG
System Configuration
0x5000 0014
GPMC_SYSSTATUS
System Status
0x5000 0018
GPMC_IRQSTATUS
Status for Interrupt
0x5000 001C
GPMC_IRQENABLE
Interrupt Enable
0x5000 0040
GPMC_TIMEOUT_CONTROL
Timeout Counter Start Value
0x5000 0044
GPMC_ERR_ADDRESS
Error Address
0x5000 0048
GPMC_ERR_TYPE
Error Type
0x5000 0050
GPMC_CONFIG
GPMC Global Configuration
0x5000 0054
GPMC_STATUS
GPMC Global Status
0x5000 0060 + (0x0000 0030 * i)
GPMC_CONFIG1_0 -
Parameter Configuration 1_0-5
GPMC_CONFIG1_5
0x5000 0064 + (0x0000 0030 * i)
GPMC_CONFIG2_0 -
Parameter Configuration 2_0-5
GPMC_CONFIG2_5
0x5000 0068 + (0x0000 0030 * i)
GPMC_CONFIG3_0 -
Parameter Configuration 3_0-5
GPMC_CONFIG3_5
0x5000 006C + (0x0000 0030 * i)
GPMC_CONFIG4_0 -
Parameter Configuration 4_0-5
GPMC_CONFIG4_5
0x5000 0070 + (0x0000 0030 * i)
GPMC_CONFIG5_0 -
Parameter Configuration 5_0-5
GPMC_CONFIG5_5
(1)
i = 0 to 5.
(2)
j = 0 to 8.
206
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com