Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 216 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 212Page - Texas Instruments AM3892 Datasheet HTML 213Page - Texas Instruments AM3892 Datasheet HTML 214Page - Texas Instruments AM3892 Datasheet HTML 215Page - Texas Instruments AM3892 Datasheet HTML 216Page - Texas Instruments AM3892 Datasheet HTML 217Page - Texas Instruments AM3892 Datasheet HTML 218Page - Texas Instruments AM3892 Datasheet HTML 219Page - Texas Instruments AM3892 Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.8.2.2
GPMC/NOR Flash Interface Asynchronous Mode Timing
Table 8-56. GPMC/NOR Flash Interface Asynchronous Mode Timing - Internal Parameters
NO.
MIN
MAX
UNIT
1
Max. output data generation delay from internal functional clock
6.5
ns
2
Max. input data capture delay by internal functional clock
4
ns
3
Max. chip select generation delay from internal functional clock
6.5
ns
4
Max. address generation delay from internal functional clock
6.5
ns
5
Max. address valid generation delay from internal functional clock
6.5
ns
6
Max. byte enable generation delay from internal functional clock
6.5
ns
7
Max. output enable generation delay from internal functional clock
6.5
ns
8
Max. write enable generation delay from internal functional clock
6.5
ns
9
Max. functional clock skew
100
ps
Table 8-57. Timing Requirements for GPMC/NOR Flash Interface - Asynchronous Mode
(see Figure 8-57, Figure 8-58, Figure 8-59, Figure 8-61)
NO.
MIN
MAX
UNIT
6
tacc(DAT)
Data maximum access time (GPMC_FCLK cycles)
H(1)
cycles
Page mode successive data maximum access time (GPMC_FCLK
21
tacc1-pgmode(DAT)
P(2)
cycles
cycles)
22
tacc2-pgmode(DAT)
Page mode first data maximum access time (GPMC_FCLK cycles)
H(1)
cycles
(1)
H = AccessTime * (TimeParaGranularity + 1)
(2)
P = PageBurstAccessTime * (TimeParaGranularity + 1).
Table 8-58. Switching Characteristics Over Recommended Operating Conditions for GPMC/NOR Flash
Interface - Asynchronous Mode
(see Figure 8-57, Figure 8-58, Figure 8-59, Figure 8-60, Figure 8-61, Figure 8-62)
NO.
PARAMETER
MIN
MAX
UNIT
1
tw(nBEV)
Pulse duration, GPMC_BE0_CLE, GPMC_BE1 valid time
N(1)
ns
2
tw(nCSV)
Pulse duration, GPMC_CS[x] low
A(2)
ns
4
td(nCSV-nADVIV)
Delay time, GPMC_CS[x] valid to GPMC_NADV_ALE invalid
B - 0.2(3)
B + 2.0(3)
ns
Delay time, GPMC_CS[x] valid to GPMC_OE_RE invalid (single
5
td(nCSV-nOEIV)
C - 0.2(4)
C + 2.0(4)
ns
read)
10
td(AV-nCSV)
Delay time, address bus valid to GPMC_CS[x] valid
J - 0.2(5)
J + 2.0(5)
ns
Delay time, GPMC_BE0_CLE, GPMC_BE1 valid to GPMC_CS[x]
11
td(nBEV-nCSV)
J - 0.2(5)
J + 2.0(5)
ns
valid
13
td(nCSV-nADVV)
Delay time, GPMC_CS[x] valid to GPMC_ADV_ALE valid
K - 0.2(6)
K + 2.0(6)
ns
14
td(nCSV-nOEV)
Delay time, GPMC_CS[x] valid to GPMC_OE_RE valid
L - 0.2(7)
L + 2.0(7)
ns
(1)
For single read: N = RdCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For single write: N = WrCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: N = (RdCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: N = (WrCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(2)
For single read: A = (CSRdOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For single write: A = (CSWrOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(3)
= B - nCS Max Delay + nADV Min Delay
For reading: B = ((ADVRdOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK
For writing: B = ((ADVWrOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK
(4)
= C - nCS Max Delay + nOE Min Delay
C = ((OEOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(5)
= J - Address Max Delay + nCS Min Delay
J = (CSOnTime * (TimeParaGranularity + 1) + 0.5 * CSExtraDelay) * GPMC_FCLK
(6)
= K - nCS Max Delay + nADV Min Delay
K = ((ADVOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK
(7)
= L - nCS Max Delay + nOE Min Delay
L = ((OEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK
216
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com