Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 224 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 224 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 220Page - Texas Instruments AM3892 Datasheet HTML 221Page - Texas Instruments AM3892 Datasheet HTML 222Page - Texas Instruments AM3892 Datasheet HTML 223Page - Texas Instruments AM3892 Datasheet HTML 224Page - Texas Instruments AM3892 Datasheet HTML 225Page - Texas Instruments AM3892 Datasheet HTML 226Page - Texas Instruments AM3892 Datasheet HTML 227Page - Texas Instruments AM3892 Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.8.2.3
GPMC/NAND Flash Interface Asynchronous Mode Timing
Table 8-59. GPMC/NAND Flash Interface Asynchronous Mode Timing - Internal Parameters
NO.
MIN
MAX
UNIT
1
Max. output data generation delay from internal functional clock
6.5
ns
2
Max. input data capture delay by internal functional clock
4.0
ns
3
Max. chip select generation delay from internal functional clock
6.5
ns
4
Max. address latch enable generation delay from internal functional clock
6.5
ns
5
Max. command latch enable generation delay from internal functional clock
6.5
ns
6
Max. output enable generation delay from internal functional clock
6.5
ns
7
Max. write enable generation delay from internal functional clock
6.5
ns
8
Max. functional clock skew
100.0
ps
Table 8-60. Timing Requirements for GPMC/NAND Flash Interface
(see Figure 8-65)
NO.
MIN
MAX
UNIT
13
tacc(DAT)
Data maximum access time (GPMC_FCLK cycles)
J(1)
cycles
(1)
J = AccessTime * (TimeParaGranularity + 1)
Table 8-61. Switching Characteristics Over Recommended Operating Conditions for GPMC/NAND Flash
Interface
(see Figure 8-63, Figure 8-64, Figure 8-65, Figure 8-66)
NO.
PARAMETER
MIN
MAX
UNIT
1
tw(nWEV)
Pulse duration, GPMC_WE valid time
A(1)
ns
2
td(nCSV-nWEV)
Delay time, GPMC_CS[x] valid to GPMC_WE valid
B - 0.2(2)
B + 2.0(2)
ns
3
td(CLEH-nWEV)
Delay time, GPMC_BE0_CLE high to GPMC_WE valid
C - 0.2(3)
C + 2.0(3)
ns
4
td(nWEV-DV)
Delay time, GPMC_D[15:0] valid to GPMC_WE valid
D - 0.2(4)
D + 2.0(4)
ns
5
td(nWEIV-DIV)
Delay time, GPMC_WE invalid to GPMC_D[15:0] invalid
E - 0.2(5)
E + 2.0(5)
ns
6
td(nWEIV-CLEIV)
Delay time, GPMC_WE invalid to GPMC_BE0_CLE invalid
F - 0.2(6)
F + 2.0(6)
ns
7
td(nWEIV-nCSIV)
Delay time, GPMC_WE invalid to GPMC_CS[x] invalid
G - 0.2(7)
G + 2.0(7)
ns
8
td(ALEH-nWEV)
Delay time, GPMC_ADV_ALE High to GPMC_WE valid
C - 0.2(3)
C + 2.0(3)
ns
9
td(nWEIV-ALEIV)
Delay time, GPMC_WE invalid to GPMC_ADV_ALE invalid
F - 0.2(6)
F + 2.0(6)
ns
10
tc(nWE)
Cycle time, write cycle time
H(8)
ns
11
td(nCSV-nOEV)
Delay time, GPMC_CS[x] valid to GPMC_OE_RE valid
I - 0.2(9)
I + 2.0(9)
ns
12
tw(nOEV)
Pulse duration, GPMC_OE_RE valid time
K(10)
ns
13
tc(nOE)
Cycle time, read cycle time
L(11)
ns
(1)
A = (WEOffTime - WEOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(2)
= B + nWE Min Delay - nCS Max Delay
B = ((WEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(3)
= C + nWE Min Delay - CLE Max Delay
C = ((WEOnTime - ADVOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - ADVExtraDelay)) * GPMC_FCLK
(4)
= D + nWE Min Delay - Data Max Delay
D = (WEOnTime * (TimeParaGranularity + 1) + 0.5 * WEExtraDelay ) * GPMC_FCLK
(5)
=E + Data Min Delay - nWE Max Delay
E = ((WrCycleTime - WEOffTime) * (TimeParaGranularity + 1) - 0.5 * WEExtraDelay ) * GPMC_FCLK
(6)
= F + CLE Min Delay - nWE Max Delay
F = ((ADVWrOffTime - WEOffTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - WEExtraDelay )) * GPMC_FCLK
(7)
=G + nCS Min Delay - nWE Max Delay
G = ((CSWrOffTime - WEOffTime) * (TimeParaGranularity + 1) + 0.5 * (CSExtraDelay - WEExtraDelay )) * GPMC_FCLK
(8)
H = WrCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
(9)
= I + nOE Min Delay - nCS Max Delay
I = ((OEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(10) K = (OEOffTime - OEOnTime) * (1 + TimeParaGranularity) * GPMC_FCLK
(11) L = RdCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
224
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com