Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 228 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 228 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 224Page - Texas Instruments AM3892 Datasheet HTML 225Page - Texas Instruments AM3892 Datasheet HTML 226Page - Texas Instruments AM3892 Datasheet HTML 227Page - Texas Instruments AM3892 Datasheet HTML 228Page - Texas Instruments AM3892 Datasheet HTML 229Page - Texas Instruments AM3892 Datasheet HTML 230Page - Texas Instruments AM3892 Datasheet HTML 231Page - Texas Instruments AM3892 Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 299 page
background image
TD0+
TD0-
TD1+
TD1-
TD2+
TD2-
TD0
Shld
TD1
Shld
TD2
Shld
TCLK
Shld
CEC
SDA
SCL
DDC
Gnd
Rpullup
(A)
DVDD_3P3
HDMI_TMDSDP0
HDMI_TMDSDN0
HDMI_TMDSDP1
HDMI_TMDSDN1
HDMI_TMDSDN2
HDMI_TMDSDP2
HDMI_TMDSCLKP
HDMI_TMDSCLKN
HDMI_CEC
HDMI_SDA
HDMI_SCL
HDMI Connector
Device
TCLK+
TCLK
TPD12S521
or other
ESD Protection
w/I2C-Level
Translation
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
A.
5K-10K
Ω pullup resistors are required if not integrated in the ESD protection chip.
Figure 8-67. HDMI Interface High-Level Schematic
8.9.1.2
TMDS Routing
The TMDS signals are high-speed differential pairs. Care must be taken in the PCB layout of these signals
to ensure good signal integrity.
The TMDS differential signal traces must be routed to achieve 100
Ω (±10%) differential impedance and
60
Ω (±10%) single-ended impedance. Single-ended impedance control is required because differential
signals are extremely difficult to closely couple on PCBs and, therefore, single-ended impedance becomes
important.
These impedances are impacted by trace width, trace spacing, distance to reference planes, and dielectric
material. Verify with a PCB design tool that the trace geometry for both data signal pairs results in as
close to 60
Ω impedance traces as possible. For best accuracy, work with your PCB fabricator to ensure
this impedance is met.
In general, closely coupled differential signal traces are not an advantage on PCBs. When differential
signals are closely coupled, tight spacing and width control is necessary. Very small width and spacing
variations affect impedance dramatically, so tight impedance control can be more problematic to maintain
in production.
Loosely coupled PCB differential signals make impedance control much easier. Wider traces and spacing
make obstacle avoidance easier, and trace width variations do not affect impedance as much; therefore, it
is easier to maintain an accurate impedance over the length of the signal. The wider traces also show
reduced skin effect and, therefore, often result in better signal integrity.
Table 8-62 shows the routing specifications for the TMDS signals.
228
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com