Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 229 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 229 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 225Page - Texas Instruments AM3892 Datasheet HTML 226Page - Texas Instruments AM3892 Datasheet HTML 227Page - Texas Instruments AM3892 Datasheet HTML 228Page - Texas Instruments AM3892 Datasheet HTML 229Page - Texas Instruments AM3892 Datasheet HTML 230Page - Texas Instruments AM3892 Datasheet HTML 231Page - Texas Instruments AM3892 Datasheet HTML 232Page - Texas Instruments AM3892 Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-62. TMDS Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
MPU-to-HDMI header trace length
7000
Mils
Number of stubs allowed on TMDS traces
0
Stubs
TX/RX pair differential impedance
90
100
110
Ω
TX/RX single ended impedance
54
60
66
Ω
Number of vias on each TMDS trace
2
Vias(1)
TMDS differential pair to any other trace spacing
2*DS(2)
(1)
Vias must be used in pairs with their distance minimized.
(2)
DS = differential spacing of the HDMI traces.
8.9.1.3
DDC Signals
As shown in Figure 8-67, the DDC connects just like a standard I2C bus. As such, resistor pullups must
be used to pull up the open drain buffer signals unless they are integrated into the ESD protection chip
used. If used, these pullup resistors should be connected to a 3.3-V supply.
8.9.1.4
HDMI ESD Protection Device (Required)
Interfaces that connect to a cable such as HDMI generally require more ESD protection than can be built
into the processor's outputs. Therefore, this HDMI interface requires the use of an ESD protection chip to
provide adequate ESD protection and to translate I2C voltage levels from the 3.3 V supplied by the device
to the 5 volts required by the HDMI specification.
When selecting an ESD protection chip, choose the lowest capacitance ESD protection available to
minimize signal degradation. In no case should the ESD protection circuit capacitance be more than 5 pF.
TI manufactures devices that provide ESD protection for HDMI signals such as the TPD12S521. For more
information see the www.ti.com website.
8.9.1.5
PCB Stackup Specifications
Table 8-63 shows the stackup and feature sizes required for HDMI.
Table 8-63. HDMI PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB routing/plane layers
4
6
-
Layers
Signal routing layers
2
3
-
Layers
Number of ground plane cuts allowed within HDMI routing region
-
-
0
Cuts
Number of layers between HDMI routing region and reference ground plane
-
-
0
Layers
PCB trace width
-
4
-
Mils
PCB BGA escape via pad size
-
20
-
Mils
PCB BGA escape via hole size
-
10
Mils
MPU device BGA pad size(1)(2)
0.4
mm
(1)
Non-solder mask defined pad.
(2)
Per IPC-7351A BGA pad size guideline.
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
229
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com