Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 233 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 233 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 229Page - Texas Instruments AM3892 Datasheet HTML 230Page - Texas Instruments AM3892 Datasheet HTML 231Page - Texas Instruments AM3892 Datasheet HTML 232Page - Texas Instruments AM3892 Datasheet HTML 233Page - Texas Instruments AM3892 Datasheet HTML 234Page - Texas Instruments AM3892 Datasheet HTML 235Page - Texas Instruments AM3892 Datasheet HTML 236Page - Texas Instruments AM3892 Datasheet HTML 237Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-65. HDMI Core System Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x46C0 07D0
DDC_DATA
DDC I2C Data
0x46C0 07D4
DDC_FIFOCNT
DDC I2C FIFO Count
0x46C0 07E4
EPST
ROM Status
0x46C0 07E8
EPCM
ROM Command
Table 8-66. HDMI IP Core Gamut Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x46C0 0800
GAMUT_HEADER1
Gamut Metadata
0x46C0 0804
GAMUT_HEADER2
Gamut Metadata
0x46C0 0808
GAMUT_HEADER3
Gamut Metadata
0x46C0 080C - 0x46C0 0878
GAMUT_DBYTE__0 -
Gamut Metadata
(0x4 byte increments)
GAMUT_DBYTE__27
Table 8-67. HDMI IP Core Audio Video Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x46C0 0904
ACR_CTRL
ACR Control
0x46C0 0908
FREQ_SVAL
ACR Audio Frequency
0x46C0 090C
N_SVAL1
ACR N Software Value
0x46C0 0910
N_SVAL2
ACR N Software Value
0x46C0 0914
N_SVAL3
ACR N Software Value
0x46C0 0918
CTS_SVAL1
ACR CTS Software Value
0x46C0 091C
CTS_SVAL2
ACR CTS Software Value
0x46C0 0920
CTS_SVAL3
ACR CTS Software Value
0x46C0 0924
CTS_HVAL1
ACR CTS Hardware Value
0x46C0 0928
CTS_HVAL2
ACR CTS Hardware Value
0x46C0 092C
CTS_HVAL3
ACR CTS Hardware Value
0x46C0 0950
AUD_MODE
Audio In Mode
0x46C0 0954
SPDIF_CTRL
Audio In S/PDIF Control
0x46C0 0960
HW_SPDIF_FS
Audio In S/PDIF Extracted Fs and Length
0x46C0 0964
SWAP_I2S
Audio In I2S Channel Swap
0x46C0 096C
SPDIF_ERTH
Audio Error Threshold
0x46C0 0970
I2S_IN_MAP
Audio In I2S Data In Map
0x46C0 0974
I2S_IN_CTRL
Audio In I2S Control
0x46C0 0978
I2S_CHST0
Audio In I2S Channel Status
0x46C0 097C
I2S_CHST1
Audio In I2S Channel Status
0x46C0 0980
I2S_CHST2
Audio In I2S Channel Status
0x46C0 0984
I2S_CHST4
Audio In I2S Channel Status
0x46C0 0988
I2S_CHST5
Audio In I2S Channel Status
0x46C0 098C
ASRC
Audio Sample Rate Conversion
0x46C0 0990
I2S_IN_LEN
Audio I2S Input Length
0x46C0 09BC
HDMI_CTRL
HDMI Control
0x46C0 09C0
AUDO_TXSTAT
Audio Path Status
0x46C0 09CC
AUD_PAR_BUSCLK_1
Audio Input Data Rate Adjustment
0x46C0 09D0
AUD_PAR_BUSCLK_2
Audio Input Data Rate Adjustment
0x46C0 09D4
AUD_PAR_BUSCLK_3
Audio Input Data Rate Adjustment
0x46C0 09F0
TEST_TXCTRL
Test Control
0x46C0 09F4
DPD
Diagnostic Power Down
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
233
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com