Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 236 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 236 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 232Page - Texas Instruments AM3892 Datasheet HTML 233Page - Texas Instruments AM3892 Datasheet HTML 234Page - Texas Instruments AM3892 Datasheet HTML 235Page - Texas Instruments AM3892 Datasheet HTML 236Page - Texas Instruments AM3892 Datasheet HTML 237Page - Texas Instruments AM3892 Datasheet HTML 238Page - Texas Instruments AM3892 Datasheet HTML 239Page - Texas Instruments AM3892 Datasheet HTML 240Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.10 High-Definition Video Processing Subsystem (HDVPSS)
The device High-Definition Video Processing Subsystem (HDVPSS) provides a video input interface for
external imaging peripherals (i.e., image sensors, video decoders, etc.) and a video output interface for
display devices, such as analog SDTV displays, analog/digital HDTV displays, digital LCD panels, etc. It
includes HD and SD video encoders, and an HDMI transmitter interface.
The device HDVPSS features include:
•
High quality (HD) and medium quality (SD) display processing pipelines with de-interlacing, scaling,
noise reduction, alpha blending, chroma keying, color space conversion, flicker filtering, and pixel
format conversion.
•
HD/SD compositor features for PIP support and video mosaic support.
•
Format conversions (up to 1080p 60 Hz) include scan format conversion, scan rate conversion,
aspect-ratio conversion, and frame size conversion.
•
Supports additional video processing capabilities by using the subsystem's memory-to-memory feature.
•
Two parallel video processing pipelines support HD (up to 1080p60) and SD (NTSC/PAL)
simultaneous outputs.
–
HD analog component output with OSD and embedded timing codes (BT.1120)
•
3-channel HD-DAC with 12-bit resolution.
–
SD analog output with OSD with embedded timing codes (BT.656)
•
Simultaneous component, S-video and composite
•
4-channel SD-DAC with 10-bit resolution
•
Options available to support MacroVision and CGMS-A (contact local TI Sales rep for
information).
–
Digital HDMI 1.3a compliant transmitter (for details, see Section 8.9, High-Definition Multimedia
Interface (HDMI)).
•
Up to two (one 16/24/30-bit and one 16-bit) digital video outputs (up to 165 MHz).
–
VOUT[0] can output up to 30-bit video and supports RGB, YUV444, Y/C and BT.656 modes.
–
VOUT[1] can output up to 16-bit video and supports Y/C and BT.656 modes.
•
Two (one 16/24-bit and one 16-bit) independently configurable external video input capture ports (up to
165 MHz).
–
16/24-bitHD digital video input or dual clock independent 8-bit SD inputs on each capture port.
•
VIN[0] can accept single-channel 16/24-bit (YCbCr/RGB) video or dual-channel 8-bit (YCbCr)
video.
•
VIN[1] can accept single-channel 16-bit (YCbCr) video or dual-channel 8-bit (YCbCr) video.
–
Embedded sync and external sync modes are supported for all input configurations.
–
De-multiplexing of both pixel-to-pixel and line-to-line multiplexed streams, effectively supporting up
to 16 simultaneous SD inputs with a glueless interface to an external multiplexer such as the
TVP5158.
–
Additional features include: programmable color space conversion, scaler and chroma
downsampler, ancillary VANC/VBI data capture (decoded by software), noise reduction.
•
Availability of a combination of these digital video input/output port configurations, control signals for
multiple 8-bit ports, as well as separate synchronization signals is limited by the device pin multiplexing
(for details, see Section 4.4). The following video inputs/outputs are not multiplexed and are always
available:
–
SD DAC composite, S-video, component out
–
HD DAC component out
–
HDMI output (same as VOUT[1])
–
16-bit VOUT[0] (embedded sync)
–
Single 16-bit/dual 8-bit VIN[0] (embedded sync).
•
Graphics features:
236
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com