Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 240 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 240 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 236Page - Texas Instruments AM3892 Datasheet HTML 237Page - Texas Instruments AM3892 Datasheet HTML 238Page - Texas Instruments AM3892 Datasheet HTML 239Page - Texas Instruments AM3892 Datasheet HTML 240Page - Texas Instruments AM3892 Datasheet HTML 241Page - Texas Instruments AM3892 Datasheet HTML 242Page - Texas Instruments AM3892 Datasheet HTML 243Page - Texas Instruments AM3892 Datasheet HTML 244Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 299 page
background image
VIN[x]A_CLK/
VIN[x]B_CLK/
VOUT[x]_CLK
2
1
3
7
7
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 8-72. Switching Characteristics Over Recommended Operating Conditions for HDVPSS Output
(see Figure 8-68 and Figure 8-70)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(CLK)
Cycle time, VOUT[x]_CLK
6.06(1)
ns
2
tw(CLKH)
Pulse duration, VOUT[x]_CLK high (45% of tc)
2.73
ns
3
tw(CLKL)
Pulse duration, VOUT[x]_CLK low (45% of tc)
2.73
ns
7
tt(CLK)
Transition time, VOUT[x]_CLK (10%-90%)
2.64
ns
td(CLK-AVID)
td(CLK-FLD)
Delay time, VOUT[x]_CLK to control valid
1.64(2)
4.18(3)
ns
td(CLK-VSYNC)
td(CLK-HSYNC)
6
td(CLK-RCR)
td(CLK-GYYC)
Delay time, VOUT[0]_CLK to data valid
td(CLK-BCBC)
1.64(2)
4.18(3)
ns
td(CLK-YYC)
Delay time, VOUT[1]_CLK to data valid
td(CLK-C)
(1)
For maximum frequency of 165 MHz.
(2)
Min Delay Time = Tc * 0.27, where Tc is the clock cycle time. Note: Must match board trace length delay for clock and data to within
0.34 ns.
(3)
Max Delay Time = Tc * 0.69, where Tc is the clock cycle time. Note:Must match board trace length delay for clock and data to within
0.34 ns.
Figure 8-68. HDVPSS Clock Timing
240
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com