Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 244 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 244 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 240Page - Texas Instruments AM3892 Datasheet HTML 241Page - Texas Instruments AM3892 Datasheet HTML 242Page - Texas Instruments AM3892 Datasheet HTML 243Page - Texas Instruments AM3892 Datasheet HTML 244Page - Texas Instruments AM3892 Datasheet HTML 245Page - Texas Instruments AM3892 Datasheet HTML 246Page - Texas Instruments AM3892 Datasheet HTML 247Page - Texas Instruments AM3892 Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.11 Inter-Integrated Circuit (I2C)
The device includes two inter-integrated circuit (I2C) modules which provide an interface to other devices
compliant with Philips Semiconductors Inter-IC bus (I2C-bus™) specification version 2.1. External
components attached to this 2-wire serial bus can transmit/receive 8-bit data to/from the device through
the I2C module. The I2C port does not support CBUS compatible devices.
The I2C port supports the following features:
•
Compatible with Philips I2C Specification Revision 2.1 (January 2000)
•
Standard and fast modes from 10 - 400 Kbps (no fail-safe I/O buffers)
•
Noise filter to remove noise 50 ns or less
•
Seven- and ten-bit device addressing modes
•
Multimaster transmitter/slave receiver mode
•
Multimaster receiver/slave transmitter mode
•
Combined master transmit/receive and receive/transmit modes
•
Two DMA channels, one interrupt line
•
Built-in FIFO (32 byte) for buffered read or write.
For more detailed information on the I2C peripheral, see the I2C chapter in the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
8.11.1 I2C Peripheral Register Descriptions
Table 8-74. I2C Registers
I2C0 HEX ADDRESS
I2C1 HEX ADDRESS
ACRONYM
REGISTER NAME
0x4802 8000
0x4802 A000
I2C_REVNB_LO
Module Revision (LOW BYTES)
0x4802 8004
0x4802 A004
I2C_REVNB_HI
Module Revision (HIGH BYTES)
0x4802 8010
0x4802 A010
I2C_SYSC
System configuration
0x4802 8020
0x4802 A020
I2C_EOI
I2C End of Interrupt
0x4802 8024
0x4802 A024
I2C_IRQSTATUS_RAW
I2C Status Raw
0x4802 8028
0x4802 A028
I2C_IRQSTATUS
I2C Status
0x4802 802C
0x4802 A02C
I2C_IRQENABLE_SET
I2C Interrupt Enable Set
0x4802 8030
0x4802 A030
I2C_IRQENABLE_CLR
I2C Interrupt Enable Clear
0x4802 8034
0x4802 A034
I2C_WE
I2C Wakeup Enable
0x4802 8038
0x4802 A038
I2C_DMARXENABLE_SET
Receive DMA Enable Set
0x4802 803C
0x4802 A03C
I2C_DMATXENABLE_SET
Transmit DMA Enable Set
0x4802 8040
0x4802 A040
I2C_DMARXENABLE_CLR
Receive DMA Enable Clear
0x4802 8044
0x4802 A044
I2C_DMATXENABLE_CLR
Transmit DMA Enable Clear
0x4802 8048
0x4802 A048
I2C_DMARXWAKE_EN
Receive DMA Wakeup
0x4802 804C
0x4802 A04C
I2C_DMATXWAKE_EN
Transmit DMA Wakeup
0x4802 8090
0x4802 A090
I2C_SYSS
System Status
0x4802 8094
0x4802 A094
I2C_BUF
Buffer Configuration
0x4802 8098
0x4802 A098
I2C_CNT
Data Counter
0x4802 809C
0x4802 A09C
I2C_DATA
Data Access
0x4802 80A4
0x4802 A0A4
I2C_CON
I2C Configuration
0x4802 80A8
0x4802 A0A8
I2C_OA
I2C Own Address
0x4802 80AC
0x4802 A0AC
I2C_SA
I2C Slave Address
0x4802 80B0
0x4802 A0B0
I2C_PSC
I2C Clock Prescaler
0x4802 80B4
0x4802 A0B4
I2C_SCLL
I2C SCL Low Time
0x4802 80B8
0x4802 A0B8
I2C_SCLH
I2C SCL High Time
0x4802 80BC
0x4802 A0BC
I2C_SYSTEST
System Test
244
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com