Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 243 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 243 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 239Page - Texas Instruments AM3892 Datasheet HTML 240Page - Texas Instruments AM3892 Datasheet HTML 241Page - Texas Instruments AM3892 Datasheet HTML 242Page - Texas Instruments AM3892 Datasheet HTML 243Page - Texas Instruments AM3892 Datasheet HTML 244Page - Texas Instruments AM3892 Datasheet HTML 245Page - Texas Instruments AM3892 Datasheet HTML 246Page - Texas Instruments AM3892 Datasheet HTML 247Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-73. DAC Specifications (continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Channel matching
HD and SD DACs
2
%
Recommended External Amplification
HD DACs
4.5
V/V
SD DACs
5.6
V/V
Reference
Reference Voltage Range (VREF)
Input with External
-5%
0.5
+5%
V
Reference
Full-Scale Current Adjust Resistors
RBIAS_HD and RBIAS_SD
-1%
1.2
+1%
k
Ω
Dynamic Specifications
Output Update Rate (FCLK)
HD DACs at 1080i60
74.25
MHz
HD DACs at 1080p60
148.5
MHz
SD DACs
27
54
MHz
Signal Bandwidth
HD DACs at 1080i60
30
MHz
HD DACs at 1080p60
60
MHz
SD DACs
6
MHz
Spurious - Free Dynamic Range (SFDR)
HD DACs at 1080i60
60
dB
FCLK = 74.25 MHz,
FOUT = 30 MHz
HD DACs at 1080p60
60
dB
FCLK = 148.5 MHz,
FOUT = 60 MHz
SD DACs
60
dB
FCLK = 27 MHz / 54 MHz,
FOUT = 6 MHz
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
243
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com