Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 247 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 247 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 243Page - Texas Instruments AM3892 Datasheet HTML 244Page - Texas Instruments AM3892 Datasheet HTML 245Page - Texas Instruments AM3892 Datasheet HTML 246Page - Texas Instruments AM3892 Datasheet HTML 247Page - Texas Instruments AM3892 Datasheet HTML 248Page - Texas Instruments AM3892 Datasheet HTML 249Page - Texas Instruments AM3892 Datasheet HTML 250Page - Texas Instruments AM3892 Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 299 page
background image
25
23
19
18
22
27
20
21
17
18
28
Stop
Start
Repeated
Start
Stop
I2C[x]_SDA
I2C[x]_SCL
16
26
24
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-76. Switching Characteristics Over Recommended Operating Conditions for I2C Output
(see Figure 8-73)
NO.
PARAMETER
MIN
MAX
UNIT
Standard_OC
10
16
tc(SCL)
Cycle time, SCL
µs
Fast_OC
2.5
Standard_OC
4.7
Setup Time, SCL high before SDA low (for a
17
tsu(SCLH-SDAL)
µs
repeated START condition)
Fast_OC
0.6
Standard_OC
4
Hold time, SCL low after SDA low (for a
18
th(SDAL-SCLL)
µs
START and a repeated START condition
Fast_OC
0.6
Standard_OC
4.7
19
tw(SCLL)
Pulse duration, SCL low
µs
Fast_OC
1.3
Standard_OC
4
20
tw(SCLH)
Pulse duration, SCL high
µs
Fast_OC
0.6
Standard_OC
250
21
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
ns
Fast_OC
100
Standard_OC
0
3.45
Hold time, SDA valid after SCL low (For IIC
22
th(SCLL-SDA)
µs
bus devices)
Fast_OC
0
0.9
Standard_OC
4.7
Pulse duration, SDA high between STOP and
23
tw(SDAH)
µs
START conditions
Fast_OC
1.3
Standard_OC
4
Setup time, high before SDA high (for STOP
28
tsu(SCLH-SDAH)
µs
condition)
Fast_OC
0.6
Figure 8-73. I2C Transmit Timing
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
247
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com