Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 249 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 249 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 245Page - Texas Instruments AM3892 Datasheet HTML 246Page - Texas Instruments AM3892 Datasheet HTML 247Page - Texas Instruments AM3892 Datasheet HTML 248Page - Texas Instruments AM3892 Datasheet HTML 249Page - Texas Instruments AM3892 Datasheet HTML 250Page - Texas Instruments AM3892 Datasheet HTML 251Page - Texas Instruments AM3892 Datasheet HTML 252Page - Texas Instruments AM3892 Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.12.2 McASP0, McASP1, and McASP2 Peripheral Register Descriptions
Table 8-77. McASP0/1/2 Registers
MCASP0 ADDRESS
MCASP1 ADDRESS
MCASP2 ADDRESS
ACRONYM
REGISTER NAME
0x4803 8000
0x4803 C000
0x4805 0000
PID
Peripheral ID
0x4803 8004
0x4803 C004
0x4805 0004
PWRIDLE
Power Idle SYSCONFIG
SYSCONFIG
0x4803 8010
0x4803 C010
0x4805 0010
PFUNC
Pin Function
0x4803 8014
0x4803 C014
0x4805 0014
PDIR
Pin Direction
0x4803 8018
0x4803 C018
0x4805 0018
PDOUT
Pin Data Out
PDIN
Pin Data Input (Read)
Read returns pin data input
PDSET
Pin Data Set (Write)
0x4803 801C
0x4803 C01C
0x4803 C01C
Writes effect pin data set
(alternate write address
PDOUT)
0x4803 8020
0x4803 C020
0x4805 0020
PDCLR
Pin Data Clear
0x4803 8044
0x4803 C044
0x4805 0044
GBLCTL
Global Control
0x4803 8048
0x4803 C048
0x4805 0048
AMUTE
Mute Control
0x4803 804C
0x4803 C04C
0x4805 004C
LBCTL
Loop-Back Test Control
0x4803 8050
0x4803 C050
0x4805 0050
TXDITCTL
Transmit DIT Mode Control
0x4803 8060
0x4803 C060
0x4805 0060
GBLCTLR
Alias of GBLCTL containing
only receiver reset bits;
allows transmit to be reset
independently from receive
0x4803 8064
0x4803 C064
0x4805 0064
RXMASK
Receiver Bit Mask
0x4803 8068
0x4803 C068
0x4805 0068
RXFMT
Receive Bitstream Format
0x4803 806C
0x4803 C06C
0x4805 006C
RXFMCTL
Receive Frame Sync
Control
0x4803 8070
0x4803 C070
0x4805 0070
ACLKRCTL
Receive Clock Control
0x4803 8074
0x4803 C074
0x4805 0074
AHCLKRCTL
High Frequency Receive
Clock Control
0x4803 8078
0x4803 C078
0x4805 0078
RXTDM
Receive TDM Slot 0-31
0x4803 807C
0x4803 C07C
0x4805 007C
EVTCTLR
Receiver Interrupt Control
0x4803 8080
0x4803 C080
0x4805 0080
RXSTAT
Status Receiver
0x4803 8084
0x4803 C084
0x4805 0084
RXTDMSLOT
Current Receive TDM Slot
0x4803 8088
0x4803 C088
0x4805 0088
RXCLKCHK
Receiver Clock Check
Control
0x4803 808C
0x4803 C08C
0x4805 008C
REVTCTL
Receiver DMA Event
Control
0x4803 80A0
0x4803 C0A0
0x4805 00A0
GBLCTLX
Alias of GBLCTL containing
only transmit reset bits;
allows transmit to be reset
independently from receive
0x4803 80A4
0x4803 C0A4
0x4805 00A4
TXMASK
Transmit Format Unit Bit
Mask
0x4803 80A8
0x4803 C0A8
0x4805 00A8
TXFMT
Transmit Bitstream Format
0x4803 80AC
0x4803 C0AC
0x4805 00AC
TXFMCTL
Transmit Frame Sync
Control
0x4803 80B0
0x4803 C0B0
0x4805 00B0
ACLKXCTL
Transmit Clock Control
0x4803 80B4
0x4803 C0B4
0x4805 00B4
AHCLKXCTL
High Frequency Transmit
Clock Control
0x4803 80B8
0x4803 C0B8
0x4805 00B8
TXTDM
Transmit TDM Slot 0-31
0x4803 80BC
0x4803 C0BC
0x4805 00BC
EVTCTLX
Transmitter Interrupt Control
0x4803 80C0
0x4803 C0C0
0x4805 00C0
TXSTAT
Status Transmitter
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
249
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com