Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 242 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 242 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 238Page - Texas Instruments AM3892 Datasheet HTML 239Page - Texas Instruments AM3892 Datasheet HTML 240Page - Texas Instruments AM3892 Datasheet HTML 241Page - Texas Instruments AM3892 Datasheet HTML 242Page - Texas Instruments AM3892 Datasheet HTML 243Page - Texas Instruments AM3892 Datasheet HTML 244Page - Texas Instruments AM3892 Datasheet HTML 245Page - Texas Instruments AM3892 Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 299 page
background image
R
LOAD
Reconstruction
Filter
IOUTx
75 W
SD:
9.5 MHZ
ED:
18 MHZ
HD:
36 MHz
1080p: 72 MHz
Amplifier
SD: 5.6 V/V
HD: 4.5 V/V
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.10.3 Video DAC Guidelines and Electrical Data/Timing
The device's analog video DAC outputs are designed to drive a 37.5-
Ω load. Figure 8-71 describes a
typical circuit that permits connecting the analog video output from the device to standard 75-
Ω impedance
video systems. The device requires the use of a buffer to drive the actual video outputs, so one solution is
to use a video amplifier with integrated buffer and internal filter, such as the Texas Instruments THS7360,
which provides a complete solution for the typical output circuit shown in Figure 8-71.
Figure 8-71. Typical Output Circuits for Analog Video from DACs
During board design, the onboard traces and parasitics must be matched for the channel. The video DAC
output pin (IOUTx) is a very high-frequency analog signal and must be routed with extreme care. As a
result, the path of this signal must be as short as possible, and as isolated as possible from other
interfering signals. The load resistor and amplifier/buffer should be placed close together and as close as
possible to the device pins. Other layout guidelines include:
•
Take special care to bypass the DAC power supply pin with a capacitor.
•
Place the 75-
Ω resistor as close as possible (<0.5") to the amplifier/buffer (THS7360) output pin.
•
To maintain a high quality video signal, 75-
Ω (±10%) characteristic impedance traces should be used
after the 75-
Ω series resistor.
•
Minimize input trace lengths to the device to reduce parasitic capacitance.
•
Include solid ground return paths.
•
Match trace lengths as close as possible within a video format group (i.e., Y, Pb, and Pr for component
output, and Y and C for s-video output should match each other).
For additional video DAC design guidelines, see the HDVPSS chapter in the AM38x Sitara ARM
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
Table 8-73. DAC Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
HD DACs
12
Bits
SD DACs
10
Bits
DC Accuracy - HD DACs
Integral Non-Linearity (INL), best fit
HD DACs
1.5
LSB
SD DACs
1.0
LSB
Differential Non-Linearity (DNL)
HD DACs
1.0
LSB
SD DACs
0.5
LSB
Analog Output
Output Resistor (RLOAD)
HD and SD DACs
-1%
37.5
+1%
Ω
Full-Scale Output Current (IFS)
HD and SD DACs
13.3
mA
RLOAD
Output Compliance Range
HD and SD DACs
0
Vref
V
IFS = 13.3 mA,
RLOAD = 37.5 Ω
Zero Scale Offset Error (ZSET)
HD and SD DACs
0.5
LSB
Gain Error
HD and SD DACs
-10
10
%
242
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com