Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 237 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 237 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 233Page - Texas Instruments AM3892 Datasheet HTML 234Page - Texas Instruments AM3892 Datasheet HTML 235Page - Texas Instruments AM3892 Datasheet HTML 236Page - Texas Instruments AM3892 Datasheet HTML 237Page - Texas Instruments AM3892 Datasheet HTML 238Page - Texas Instruments AM3892 Datasheet HTML 239Page - Texas Instruments AM3892 Datasheet HTML 240Page - Texas Instruments AM3892 Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
–
Three independently-generated region-based graphics layers.
–
Each supports full-screen resolution graphics in HD, SD or both.
–
Up/down scaler optimized for graphics, region based.
–
Global and pixel-level alpha blending supported.
For more detailed information on specific features and registers, see the HDVPSS chapter in the AM38x
Sitara ARM Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
8.10.1 HDVPSS Peripheral Register Descriptions
Table 8-70. HDVPSS Submodule Register Address Summary
HEX ADDRESS
SUBMODULE NAME
SIZE
0x4810 0000
INTC
256 Bytes
0x4810 0100
CLKC
256 Bytes
0x4810 0200
Reserved
256 Bytes
0x4810 0300
CHR_US_HQ
256 Bytes
0x4810 0400
DRN_HQ
256 Bytes
0x4810 0500
DEI_HQ
256 Bytes
0x4810 0600
SC_1 (HQ)
256 Bytes
0x4810 0700
CHR_US_LC
256 Bytes
0x4810 0800
DRN_LC
256 Bytes
0x4810 0900
Reserved
256 Bytes
0x4810 0A00
DEI
256 Bytes
0x4810 0B00
SC
256 Bytes
0x4810 0C00
CSC_Y2R_1
256 Bytes
0x4810 0D00
CSC_Y2R_2
256 Bytes
0x4810 0E00
VCOMP
256 Bytes
0x4810 0F00
EDE
256 Bytes
0x4810 1000
CPROC
16384 Bytes
0x4810 5000
SC_WRBK
256 Bytes
0x4810 5100
CIG
256 Bytes
0x4810 5200
COMP
256 Bytes
0x4810 5300
CSC_R2Y
256 Bytes
0x4810 5400
CHR_US_IND1
128 Bytes
0x4810 5480
CHR_US_IND2
128 Bytes
0x4810 5500
VIN0_PARSER
512 Bytes
0x4810 5700
VIN0_CSC_R2Y
256 Bytes
0x4810 5800
VIN0_SC
256 Bytes
0x4810 5900
Reserved
256 Bytes
0x4810 5A00
VIN1_PARSER
512 Bytes
0x4810 5C00
VIN1_CSC_R2Y
256 Bytes
0x4810 5D00
VIN1_SC
256 Bytes
0x4810 5E00
SD_VENC
512 Bytes
0x4810 6000
HD_VENC_D_VOUT1
8192 Bytes
0x4810 8000
HD_VENC_A
8192 Bytes
0x4810 A000
HD_VENC_D_VOUT0
8192 Bytes
0x4810 C000
NTSC_RF
512 Bytes
0x4810 C200
NF
512 Bytes
0x4810 C400
Reserved
256 Bytes
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
237
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com