Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 119 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 119 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 115Page - Agere Systems OR4E2 Datasheet HTML 116Page - Agere Systems OR4E2 Datasheet HTML 117Page - Agere Systems OR4E2 Datasheet HTML 118Page - Agere Systems OR4E2 Datasheet HTML 119Page - Agere Systems OR4E2 Datasheet HTML 120Page - Agere Systems OR4E2 Datasheet HTML 121Page - Agere Systems OR4E2 Datasheet HTML 122Page - Agere Systems OR4E2 Datasheet HTML 123Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 124 page
background image
Lucent Technologies Inc.
119
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Package Thermal Characteristics
Table 47. ORCA Series 4 FPGAs Plastic Package Thermal Guidelines
Package Coplanarity
The coplanarity limits of the Lucent packages are as follows:
s
PBGA: 8.0 mils
s
EBGA: 8.0 mils
s
PBGAM: 8.0 mils
Package Parasitics
The electrical performance of an IC package, such as signal quality and noise sensitivity, is directly affected by the
package parasitics. Table 48 lists eight parasitics associated with the ORCA packages. These parasitics represent
the contributions of all components of a package, which include the bond wires, all internal package routing, and
the external leads.
Four inductances in nH are listed: LSW and LSL, the self-inductance of the lead; and LMW and LML, the mutual induc-
tance to the nearest neighbor lead. These parameters are important in determining ground bounce noise and
inductive crosstalk noise. Three capacitances in pF are listed: CM, the mutual capacitance of the lead to the nearest
neighbor lead; and C1 and C2, the total capacitance of the lead to all other leads (all other leads are assumed to be
grounded). These parameters are important in determining capacitive crosstalk and the capacitive loading effect of
the lead. Resistance values are in m
Ω.
The parasitic values in Table 48 are for the circuit model of bond wire and package lead parasitics. If the mutual
capacitance value is not used in the designer’s model, then the value listed as mutual capacitance should be added
to each of the C1 and C2 capacitors.
Table 48. ORCA Series 4 FPGAs Package Parasitics
Package
ΘJA (°C/W)
T = 70 °C Max, TJ = 125 °C Max
0 fpm (W)
0 fpm
200 fpm
500 fpm
352-Pin PBGA
19.0
16.0
15.0
2.9
432-Pin EBGA
11.0
8.5
7.5
5.0
680-Pin PBGAM
14.5
TBD
TBD
3.8
Package Type
LSW
LMW
RW
C1
C2
CM
LSL
LML
352-Pin PBGA
52
220
1.5
1.5
1.5
7—12
3—6
432-Pin EBGA
4.0
1.5
500
1.0
1.0
0.3
3.0—5.5
0.5—1
680-Pin PBGAM
3.8
1.3
250
1.0
1.0
0.3
2.8—50.5—1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com