Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 61 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 61 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 57Page - Agere Systems OR4E2 Datasheet HTML 58Page - Agere Systems OR4E2 Datasheet HTML 59Page - Agere Systems OR4E2 Datasheet HTML 60Page - Agere Systems OR4E2 Datasheet HTML 61Page - Agere Systems OR4E2 Datasheet HTML 62Page - Agere Systems OR4E2 Datasheet HTML 63Page - Agere Systems OR4E2 Datasheet HTML 64Page - Agere Systems OR4E2 Datasheet HTML 65Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
Lucent Technologies Inc.
61
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
FPGA States of Operation (continued)
Table 36A. Configuration Frame Format and Contents
Table 36B. Configuration Frame Format and Contents for Embedded Block RAM
Frame
Contents
Description
Header
11110010
Preamble for generic FPGA.
24-bit length count
Configuration bit stream length.
11111111
8-bit trailing header.
ID Frame
0101 1111 1111 1111
ID frame header.
44 reserved bits
Reserved bits set to 0.
Part ID
20-bit part ID.
Checksum
8-bit checksum.
11111111
8 stop bits (high) to separate frames.
FPGA Header
1111 0010
This is a new mandatory header for generic portion.
11111111
8 stop bits (high) to separate frames.
FPGA
Address
Frame
00
Address frame header.
14-bit address
14-bit address of generic FPGA.
Checksum
8-bit checksum.
11111111
Eight stop bits (high) to separate frames.
FPGA
Data Frame
01
Data frame header, same as generic.
Alignment bits
String of 0 bits added to frame to reach a byte boundary.
Data bits
Number of data bits depends upon device.
Checksum
8-bit checksum.
11111111
Eight stop bits (high) to separate frames.
Postamble
for Generic
FPGA
00 or 10
Postamble header, 00 = finish, 10 = more bits coming.
11111111 111111
Dummy address.
11111111 11111111
16 stop bits (high).
Frame
Contents
Description
RAM Header
11110001
A mandatory header for RAM bit stream portion.
11111111
8 stop bits (high) to separate frames.
RAM
Address
Frame
00
Address frame header, same as generic.
6-bit address
6-bit address of RAM blocks.
Checksum
8-bit checksum.
11111111
Eight stop bits (high) to separate frames.
RAM
Data Frame
01
Data frame header, same as generic.
000000
Six of 0 bits added to reach a byte boundary.
512x18 data bits
Exact number of bits in a RAM block.
Checksum
8-bit checksum.
11111111
Eight stop bits (high) to separate frames.
Postamble
for RAM
00 or 10
Postamble header. 00 = finish, 10 = more bits coming.
111111
Dummy address.
11111111 11111111
16 stop bits (high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com