Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 34 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 34 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 30Page - Agere Systems OR4E2 Datasheet HTML 31Page - Agere Systems OR4E2 Datasheet HTML 32Page - Agere Systems OR4E2 Datasheet HTML 33Page - Agere Systems OR4E2 Datasheet HTML 34Page - Agere Systems OR4E2 Datasheet HTML 35Page - Agere Systems OR4E2 Datasheet HTML 36Page - Agere Systems OR4E2 Datasheet HTML 37Page - Agere Systems OR4E2 Datasheet HTML 38Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 124 page
background image
34
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Input/Output Cells
(continued)
Inputs
There are many major options on the PIO inputs that
can be selected in the ORCA Foundry tools listed in
Table 15. Inputs may have a pull-up or pull-down resis-
tor selected on an input for signal stabilization and
power management. A weak keeper circuit is also
available on inputs. Input signals in a PIO are passed to
CIB routing and/or a fast route into the clock routing
system.
There is also a programmable delay available on the
input. When enabled, this delay affects the INFF and
INDD signals of each PIO, but not the clock input. The
delay allows any signal to have a guaranteed zero hold
time when input. This feature is discussed subse-
quently.
Inputs should have transition times of less than 500 ns
and should not be left floating. If any pin is not used, it
is 3-stated with an internal pull-up resistor enabled
automatically after configuration.
Floating inputs increase power consumption, produce
oscillations, and increase system noise. The inputs
have a typical hysteresis of approximately 250 mV to
reduce sensitivity to input noise. The PIC contains
input circuitry that provides protection against latch-up
and electrostatic discharge.
The other features of the PIO inputs relate to the latch/
FF structure in the input path. In latch mode, the input
signal is fed to a latch that is clocked by either the pri-
mary, secondary, or edge clock signal. The clock may
be inverted or noninverted. There is also a local set/
reset signal to the latch. The senses of these signals
are also programmable and have the capability to
enable or disable the global set/reset signal and select
the set/reset priority. The same control signals may
also be used to control the input latch/FF when it is
configured as a FF instead of a latch, with the addition
of another control signal used as a clock enable. The
PIOs are paired together and have independent CE,
set/reset, and GSRN control signals for the pair. Note
that these control signals are paired to the same pair of
pins used for differential signaling.
The input path is also capable of accepting data from
any pad using a fast capture feature. This feature can
be programmed as a latch or FF referenced to any
clock. There are two options for zero-hold input capture
in the PIO. If input delay mode is selected to delay the
signal from the input pin, data can be either registered
or latched with guaranteed zero-hold time in the PIO
using a system clock. To further improve setup time,
the fast zero-hold mode of the PIO input takes advan-
tage of the latch/FF combination and sources the input
FF data from a dedicated latch that is clocked by a fast
edge clock
from the dedicated clock pads or any local
pad. The input FF is then driven by a primary clock
sourced from a dedicated input pin designed for fast,
low-skew operation at the I/Os. These dedicated pads
are located in pairs in the center of each side of the
array and if not utilized by the clock spine can be used
as general user I/O. The clock inputs to both the dedi-
cated fast capture latch and the input FF can also be
driven by the on-chip PLLs.
The combination of input register capability provides for
input signal demultiplexing without any additional
resources such as for address and data arriving on the
same pins. On the positive edge of the clock, the data
would come from the pad to latch. The PIO input signal
is sent to both the input latch and directly to INDD. The
signal is latched on the falling edge of the clock and
output to routing at INFF. The address and data are
then both available at the rising edge of the clock.
These signals may be registered or otherwise pro-
cessed in the PLCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com