Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 55 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 55 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 51Page - Agere Systems OR4E2 Datasheet HTML 52Page - Agere Systems OR4E2 Datasheet HTML 53Page - Agere Systems OR4E2 Datasheet HTML 54Page - Agere Systems OR4E2 Datasheet HTML 55Page - Agere Systems OR4E2 Datasheet HTML 56Page - Agere Systems OR4E2 Datasheet HTML 57Page - Agere Systems OR4E2 Datasheet HTML 58Page - Agere Systems OR4E2 Datasheet HTML 59Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
Lucent Technologies Inc.
55
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Phase-Locked Loops (continued)
Table 35. Phase-Lock Loops Index
FPGA States of Operation
Prior to becoming operational, the FPGA goes through a sequence of states, including initialization, configuration,
and start-up. Figure 33 outlines these three states.
5-4529(F).
Figure 33. FPGA States of Operation
Name
Description
[UL][LL][UR][LR]PPLL
Universal user-programmable PLL (20 MHz—200 MHz)
[UL][LL]HPPLL
Universal user-programmable PLL (60 MHz—420 MHz)
URPLL1
DS-1/E-1 dedicated PLL
LRPLL2
STS-1/STM-1 dedicated PLL
– ACTIVE I/O
– RELEASE INTERNAL RESET
– DONE GOES HIGH
START-UP
INITIALIZATION
CONFIGURATION
RESET
OR
PRGM
LOW
PRGM
LOW
– CLEAR CONFIGURATION MEMORY
– INIT LOW, HDC HIGH, LDC LOW
OPERATION
POWERUP
– POWER-ON TIME DELAY
– M[3:0] MODE IS SELECTED
– CONFIGURATION DATA FRAME WRITTEN
– INIT HIGH, HDC HIGH, LDC LOW
– DOUT ACTIVE
YES
NO
NO
RESET,
INIT,
OR
PRGM
LOW
BIT
ERROR
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com