Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 54 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 54 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 50Page - Agere Systems OR4E2 Datasheet HTML 51Page - Agere Systems OR4E2 Datasheet HTML 52Page - Agere Systems OR4E2 Datasheet HTML 53Page - Agere Systems OR4E2 Datasheet HTML 54Page - Agere Systems OR4E2 Datasheet HTML 55Page - Agere Systems OR4E2 Datasheet HTML 56Page - Agere Systems OR4E2 Datasheet HTML 57Page - Agere Systems OR4E2 Datasheet HTML 58Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 124 page
background image
54
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Phase-Locked Loops (continued)
Table 33. Dedicated Pin Per Package
Table 34. STS-3/STM-1 DPLL Specifications
0045(F)
Figure 32. PLL Naming Scheme
Dedicated PLL_VF Pin Per Package
BA352
BC432
BM680
B24
C4
D30
Parameter
Min
Nom
Max
Unit
Input Clock Frequency
—
155.52
—
MHz
Output Clock Frequency
—
155.52
—
MHz
Input Duty Cycle Tolerance
30
—
70
%
Output Duty Cycle
47
50
53
%
dc Power
—
50
—
mW
Total On Current
—
2.4
—
mA
Total Off Current
—
30
—
pA
Cycle to Cycle Jitter (p-p)
0.02
UIp-p
Lock Time
—
<50
—
µs
LRPPLL
LRPLL2
LLPPLL LLHPPLL
URPPLL URPLL1
ULPPLL ULHPPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com