Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 37 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 37 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 33Page - Agere Systems OR4E2 Datasheet HTML 34Page - Agere Systems OR4E2 Datasheet HTML 35Page - Agere Systems OR4E2 Datasheet HTML 36Page - Agere Systems OR4E2 Datasheet HTML 37Page - Agere Systems OR4E2 Datasheet HTML 38Page - Agere Systems OR4E2 Datasheet HTML 39Page - Agere Systems OR4E2 Datasheet HTML 40Page - Agere Systems OR4E2 Datasheet HTML 41Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 124 page
background image
Lucent Technologies Inc.
37
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Input/Output Cells (continued)
LVDS I/O
The LVDS differential pair I/O standard allows for high-speed, low-voltage swing and low-power interfaces defined
by industry standards: ANSI*/TIA/EIA†-644 and IEEE 1596.3 SSI-LVDS. The general-purpose standard is supplied
without the need for an input reference supply and uses a low switching voltage which translates to low ac power
dissipation.
The ORCA LVDS I/O provides an integrated 100
Ω matching resistor used to provide a differential voltage across
the inputs of the receiver. The on-chip integration provides termination of the LVDS receiver without the need of dis-
crete external board resistors. The user has the programmable option to enable termination per receiver pair for
point-to-point applications or, in multipoint interfaces, limit the use of termination to bused pairs. If the user chooses
to terminate any differential receiver, a single LVDS_R pin is dedicated to connect a single 100
Ω resistor to VSS,
which will provide a balance termination to all of the LVDS receiver pairs programmed to termination. See Table 20
for the LVDS termination pin location.
Table 19 provides the dc specifications for the ORCA LVDS solution.
Table 19. LVDS I/O Specifications
Table 20. LVDS Termination Pin
PIO Downlink/Uplink
Each group of four PIO have access to an input/output shift register as shown in Figure 24. This feature allows high-
speed input data to be divided down by 1/2 or 1/4, and output data can be multiplied by 2x or 4x its internal speed.
Both the input and output shift can be programmed to operate at the same time. However, the same PIO cannot be
used for both input and output shift registers at the same time.
For input shift mode, the data from INDD from the PIO is connected to the input shift register. The input data is
divided down and is returned to the routing through the INSH nodes. In 4x mode, all the INSH nodes are used. 2x
mode uses INSH4 and INSH3. Similarly, the output shift register brings data into the register from dedicated
OUTSH nodes. 4x mode uses all the OUTSH signals. However, only OUTSH2 and OUTSH1 are used for 2x mode.
* ANSI is a registered trademark of American National Standards Institute, Inc.
† EIA is a registered trademark of Electronic Industries Association.
Parameter
Min
Typical
Max
Unit
Built-in Receiver Differential Input Resistor
95
100
105
Ω
Receiver Input Voltage
0.0
—
2.4
V
Differential Input Threshold
–100
—
100
mV
Output Common-mode Voltage
1.125
1.25
1.375
V
Input Common-mode Voltage
0.2
1.25
2.2
V
Dedicated Chip LVDS External Termination Pin (LVDS_R) Per Package
BA352
BC432
BM680
AC3
AH29
AL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com