Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 48 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 48 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 44Page - Agere Systems OR4E2 Datasheet HTML 45Page - Agere Systems OR4E2 Datasheet HTML 46Page - Agere Systems OR4E2 Datasheet HTML 47Page - Agere Systems OR4E2 Datasheet HTML 48Page - Agere Systems OR4E2 Datasheet HTML 49Page - Agere Systems OR4E2 Datasheet HTML 50Page - Agere Systems OR4E2 Datasheet HTML 51Page - Agere Systems OR4E2 Datasheet HTML 52Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 124 page
background image
48
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Microprocessor Interface (MPI)
The Series 4 FPGAs have a dedicated synchronous MPI function block. The MPI is programmable to operate with
PowerPC MPC860/MPC8260 series microprocessors. The pin listing is shown in Table 26. The MPI implements an
8-, 16-, or 32-bit interface with 4-bit parity to the host processor (PowerPC) that can be used for configuration and
readback of the FPGA as well as for user-defined data processing and general monitoring of FPGA functions. In
addition to dedicated-function registers, the MPI bridges to the AMBA embedded system bus through which the
PowerPC bus master can access the FPGA configuration logic, EBR, and other user logic. There is also capability
to interrupt the host processor either by a hard interrupt or by having the host processor poll the MPI and the
embedded system bus.
The control portion of the MPI is available following powerup of the FPGA if the mode pins specify MPI mode, even
if the FPGA is not yet configured. The width of the data port is selectable among 8-, 16-, or 32-bit and the parity bus
can be 1-, 2-, or 4- bit. In configuration mode, the data bus width and parity are related to the state of the M[0:3]
mode pins. For postconfiguration use, the MPI must be included in the configuration bit stream by using an MPI
library element in your design from the ORCA macro library, or by setting the bit of the MPI configuration control
register prior to the start of configuration. The user can also enable and disable the parity bus through the configu-
ration bit stream. These pads can be used as general I/O when they are not needed for MPI use.
The ORCA FPGA is a memory-mapped peripheral to the PowerPC processor. The MPI interfaces to the user-pro-
grammable FPGA logic using the AMBA embedded system bus. The MPI has access to a series of addressable
registers made accessible by the AMBA system bus that provide FPGA control and status, configuration and read-
back data transfer, FPGA device identification, and a dedicated user scratchpad register. All registers are 8 bits
wide. The address map for these registers and the user-logic address space utilize the same registers as the
AMBA embedded system bus. The internal AMBA bus is 32 bits wide and the proper transformation of 8-, 16-, or
32-bit data of the MPI is done when transferring data between the MPI and ESB.
Table 26. MPC 860 to ORCA MPI Interconnection
PowerPC
Signal
ORCA Pin
Name
MPI
I/O
Function
D[n:0]
D[31:0]
I/O
8-, 16-, 32-bit data bus.
DP[m:0]
DP[3:0]
I/O
Selectable parity bus width from 1-, 2-, and 4-bit.
A[14:31]
A[17:0]
I
32-bit MPI address bus.
TS
MPI_STRB
I
Transfer start signal.
BURST
MPI_BURST
I
Active-low indicates burst transfer in-progress/high indicates current transfer
not a burst.
—
CS0
I
Active-low MPI select.
—
CS1
I
Active-high MPI select.
CLKOUT
MPI_CLK
I
PowerPC interface clock.
RD/WR
MPI_RW
I
Read (high)/write (low) signal.
TA
MPI_ACK
O
Active-low transfer acknowledge signal.
BDIP
MPI_BDIP
O
Active-low burst transfer in progress signal indicates that the second beat in
front of the current one is requested by the master. Negated before the burst
transfer ends to abort the burst data phase.
Any of
IRQ[7:0]
MPI_IRQ
O
Active-low interrupt request signal.
TEA
MPI_TEA
O
Active-low indicates MPI detects a bus error on the internal system bus for
current transaction.
RETRY
MPI_RTRY
O
Requests the MPC860 to relinquish the bus and retry the cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com