Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 29 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 29 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 25Page - Agere Systems OR4E2 Datasheet HTML 26Page - Agere Systems OR4E2 Datasheet HTML 27Page - Agere Systems OR4E2 Datasheet HTML 28Page - Agere Systems OR4E2 Datasheet HTML 29Page - Agere Systems OR4E2 Datasheet HTML 30Page - Agere Systems OR4E2 Datasheet HTML 31Page - Agere Systems OR4E2 Datasheet HTML 32Page - Agere Systems OR4E2 Datasheet HTML 33Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
Lucent Technologies Inc.
29
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Embedded Block RAM (continued)
0308 (F)
Figure 21. EBR Read and Write Cycles with Write Through
Table 10. FIFO Signals
Port Signals
I/O
Function
AR(1:0)[9:0]
I
Programs FIFO flags. Used for partially empty flag size.
AW(1:0)[9:0]
I
Programs FIFO flags. Used for partially full flag size.
FF
O
Full flag.
PFF
O
Partially full flag.
PEF
O
Partially empty flag.
EF
O
Empty flag.
D0[17:0]
I
Data inputs for all configurations.
D1[17:0]
I
Data inputs for 256 x 36 configurations only.
CKW[0:1]
I
Positive-edge write port clock. Port 1 only used for 256 x 36 configurations.
CKR[0:1]
I
Positive-edge read port clock. Port 1 only used for 256 x 36 configurations.
CSW[1:0]
I
Active-high write enable. Port 1 only used for 256 x 36 configurations.
CSR[1:0]
I
Active-high read enable. Port 1 only used for 256 x 36 configurations.
RESET
I
Active-low. Resets FIFO pointers.
Q0[17:0]
O
Data outputs for all configurations.
Q1[17:0]
O
Data outputs for 256 x 36 configurations.
CKWPH
CKWPL
CSWSU
CSWH
AWH
DSU
DH
BWSU
BWH
AWSU
CKWQ
AQ
AQH
ab
c
d
bc
a
d
c
CKW
CSW
AW
D
BW
AR
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com