Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 19 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 19 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 15Page - Agere Systems OR4E2 Datasheet HTML 16Page - Agere Systems OR4E2 Datasheet HTML 17Page - Agere Systems OR4E2 Datasheet HTML 18Page - Agere Systems OR4E2 Datasheet HTML 19Page - Agere Systems OR4E2 Datasheet HTML 20Page - Agere Systems OR4E2 Datasheet HTML 21Page - Agere Systems OR4E2 Datasheet HTML 22Page - Agere Systems OR4E2 Datasheet HTML 23Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
Lucent Technologies Inc.
19
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Logic Cells (continued)
Memory Mode
The Series 4 PFU can be used to implement a 32 x 4 (128-bit) synchronous, dual-port RAM. A block diagram of a
PFU in memory mode is shown in Figure 12. This RAM can also be configured to work as a single-port memory
and because initial values can be loaded into the RAM during configuration, it can also be used as a ROM.
5-5969(F)a
1. CLK[0:1] are commonly connected in memory mode.
2. CE1 = write enable = wren; wren = 0 (no write enable); wren = 1 (write enabled).
CE0 = write port enable 0; CE0 = 0, wren = 0; CE0 = 1, wren = CE1.
LSR0 = write port enable 1; LSR0 = 0, wren = CE0; LSR0 = 1, wren = CE1.
Figure 12. Memory Mode
Q6
Q4
Q2
Q0
D
5
Q
CIN(WA1)
KZ[3:0]
4
F5[A:D]
D Q
DIN7(WA3)
D Q
DIN5(WA2)
D Q
DIN3(WA1)
D Q
DIN1(WA0)
D Q
DIN6(WD3)
D Q
DIN4(WD2)
D Q
DIN2(WD1)
D Q
DIN0(WD0)
D Q
CE0, LSR0
S/E
CLK[0:1]
4
WRITE
WRITE
READ
READ
4
F6
F4
F2
F0
D Q
D Q
D Q
D Q
WRITE
RAM CLOCK
ADDRESS[4:0]
ADDRESS[4:0]
DATA[3:0]
DATA[3:0]
ENABLE
(SEE NOTE 2.)
CE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com