Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 46 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 46 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 42Page - Agere Systems OR4E2 Datasheet HTML 43Page - Agere Systems OR4E2 Datasheet HTML 44Page - Agere Systems OR4E2 Datasheet HTML 45Page - Agere Systems OR4E2 Datasheet HTML 46Page - Agere Systems OR4E2 Datasheet HTML 47Page - Agere Systems OR4E2 Datasheet HTML 48Page - Agere Systems OR4E2 Datasheet HTML 49Page - Agere Systems OR4E2 Datasheet HTML 50Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 124 page
background image
46
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Special Function Blocks (continued)
5-5971(F)
Figure 30. Instruction Register Scan Timing Diagram
TCK
TMS
TDI
Readback Logic
The readback logic can be enabled via a bit stream
option or by instantiation of a library readback compo-
nent.
Readback is used to read back the configuration data
and, optionally, the state of all PFU and PIO FF out-
puts. A readback operation can be done while the
FPGA is in normal system operation. The readback
operation can be daisy-chained. To use readback, the
user selects options in the bit stream generator in the
ORCA Foundry development system.
Table 25 provides readback options selected in the bit
stream generator tool. The table provides the number
of times that the configuration data can be read back.
This is intended primarily to give the user control over
the security of the FPGA’s configuration program. The
user can prohibit readback (0), allow a single readback
(1), or allow unrestricted readback (U).
Table 25. Readback Options
Readback can be performed via the Series 4 MPI or by
using dedicated FPGA readback controls. If the MPI is
enabled, readback via the dedicated FPGA readback
logic is disabled. Readback using the MPI is discussed
in the MPI section.
The pins used for dedicated readback are readback
data (RD_DATA), read configuration (RD_CFG), and
configuration clock (CCLK). A readback operation is ini-
tiated by a high-to-low transition on RD_CFG. The
RD_CFG
input must remain low during the readback
operation. The readback operation can be restarted at
frame 0 by driving the RD_CFG pin high, applying at
least two rising edges of CCLK, and then driving
RD_CFG
low again. One bit of data is shifted out on
RD_DATA at the rising edge of CCLK. The first start bit
of the readback frame is transmitted out several cycles
after the first rising edge of CCLK after RD_CFG is input
low (see the readback timing characteristics table in the
timing characteristics section). To be certain of the start
of the readback frame, the data can be monitored for
the 01 frame start bit pair.
Option
Function
0
Prohibit Readback
1
Allow One Readback Only
U
Allow Unrestricted Number of Readbacks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com