Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 51 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 51 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 47Page - Agere Systems OR4E2 Datasheet HTML 48Page - Agere Systems OR4E2 Datasheet HTML 49Page - Agere Systems OR4E2 Datasheet HTML 50Page - Agere Systems OR4E2 Datasheet HTML 51Page - Agere Systems OR4E2 Datasheet HTML 52Page - Agere Systems OR4E2 Datasheet HTML 53Page - Agere Systems OR4E2 Datasheet HTML 54Page - Agere Systems OR4E2 Datasheet HTML 55Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 124 page
background image
Lucent Technologies Inc.
51
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Embedded System Bus (ESB) (continued)
Table 29. Status Register Space Assignments
Table 30. Command Register Space Assignments
Byte
Bit
Read/Write
Description
0F
7:0
—
Reserved
0E
7:0
—
Reserved
OD
7
RO
Configuration write data acknowledge
6
RO
Readback data ready
5
RO
Unassigned (zero)
4
RO
Unassigned (zero)
3
RO
FPSC_BIT_ERR
2RO
RAM_BIT_ERR
1
RO
Configuration write data size (1, 2, or 4 bytes)
0
RO
Use with above for HSIZE[1:0] (byte, half-word, word)
0C
7
RO
Readback addresses out of range
6
RO
Error response received by CFG from system bus
5
RO
Error responses received by CFG from system bus
4
RO
Unassigned (zero)
3
RO
Unassigned (zero)
2
RO
Unassigned (zero)
1
RO
ERR_FLAG 1
0
RO
ERR_FLAG 0
Byte
Bit
Description
08
7
Bus reset from MPI > drives HRESETn
6
Bus reset from USER > drives HRESETn
5
Bus reset from FPSC > drives HRESETn
4
SYS_DAISY
3
REPEAT_RDBK (Don't increment readback address.)
2
MPI_USR_ENABLE
1
Readback data size (1, 2, or 4 bytes)
0
Use with above for HSIZE[1:0]
09
7
R/W SYS_GSR (GSR Input)
6
SYS_RD_CFG (similar to FPGA pin RD_CFGN, but active-high)
5
PRGM from MPI > (similar to FPGA pin, but active-high)
4
PRGM from USER > (similar to FPGA pin, but active-high)
3
PRGM from FPSC > (similar to FPGA pin, but active-high)
2LOCK from MPI
1LOCK from USER
0
LOCK from FPSC
0A
7:0
Reserved
0B
7:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com