Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 52 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 52 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 48Page - Agere Systems OR4E2 Datasheet HTML 49Page - Agere Systems OR4E2 Datasheet HTML 50Page - Agere Systems OR4E2 Datasheet HTML 51Page - Agere Systems OR4E2 Datasheet HTML 52Page - Agere Systems OR4E2 Datasheet HTML 53Page - Agere Systems OR4E2 Datasheet HTML 54Page - Agere Systems OR4E2 Datasheet HTML 55Page - Agere Systems OR4E2 Datasheet HTML 56Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 124 page
background image
52
52
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Phase-Locked Loops
There are eight PLLs available to perform many clock
modification and clock conditioning functions on the
Series 4 FPGAs. Six of the PLLs are programmable
allowing the user the flexibility to configure the PLL to
manipulate the frequency, phase, and duty cycle of a
clock signal. Four of the programmable PLLs are capa-
ble of manipulating and conditioning clocks from
20 MHz to 200 MHz and two others are capable of
manipulating and conditioning clocks from 60 MHz to
420 MHz. Frequencies can be adjusted from 1/8x to 8x
the input clock frequency. Each programmable PLL
provides two outputs that have different multiplication
factors with the same phase relationships. Duty cycles
and phase delays can be adjusted in 12.5% of the
clock period increments. An input buffer delay compen-
sation mode is available for phase delay. Each PPLL
provides two outputs (MCLK, NCLK) that can have pro-
grammable (12.5% steps) phase differences.
The PPLLs can be utilized to eliminate skew between
the clock input pad and the internal clock inputs across
the entire device. The PPLLs can drive onto the pri-
mary, secondary, and edge clock networks inside the
FPGA. Each PPLL can take a clock input from the ded-
icated pad or differential pair of pads in its corner or
from general routing resources.
Functionality of the PPLLs is programmed during oper-
ation through a read/write interface to the internal sys-
tem bus command and status registers or via the
configuration bit stream. There is also a PLL output sig-
nal, LOCK, that indicates a stable output clock state.
Unlike Series 3, this signal does not have to be inter-
grated before use.
Table 31. PPLL Specifications
Additional highly tuned and characterized dedicated phase-locked loops (DPLLs) are included to ease system
designs. These DPLLs meet ITU-T G.811 primary clocking specifications and enable system designers to target
very tightly specified clock conditioning not available in the universal PPLLs. DPLLs are targeted to low-speed net-
working DS1 and E1 and high-speed SONET/SDH networking STS-3 and STM-1 systems.
Parameter
Min
Nom
Max
Unit
VDD1.5
1.425
1.5
1.575
V
VDD3.3
3.0
3.3
3.6
V
Operating Temp
–40
25
125
°C
Input Clock Voltage
1.425
1.5
1.575
V
Output Clock Voltage
1.425
1.5
1.575
V
Input Clock Frequency
(no division)
PPLL
20
—
200
MHz
HPPLL
60
—
420
Output Clock Frequency
PPLL
20
—
200
MHz
HPPLL
60
—
420
Input Duty Cycle Tolerance
30
—
70
%
Output Duty Cycle
45
50
55
%
dc Power
—
28
—
mW
Total On Current
—
8.5
—
mA
Total Off Current
—
30
—
pA
Cycle to Cycle Jitter (p-p)
—
<0.02
—
UIp-p
Lock Time
—
<50
—
µs
Frequency Multiplication
1x, 2x, 3x, 4x, 5x, 6x, 7x, 8x,
—
Frequency Division
1/8, 1/7, 1/6, 1/5, 1/4, 1/3, 1/2
—
Duty Cycle Adjust of Output Clock
12.5, 25, 37.5, 50, 62.5, 75, 87.5
%
Delay Adjust of Output Clock
0, 12.5, 25, 37.5, 50, 62.5, 75, 87.5
%
Phase Shift Between MCLK & NCLK
0, 45, 90, 135, 180, 225, 270, 315
degree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com