Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 60 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 60 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 56Page - Agere Systems OR4E2 Datasheet HTML 57Page - Agere Systems OR4E2 Datasheet HTML 58Page - Agere Systems OR4E2 Datasheet HTML 59Page - Agere Systems OR4E2 Datasheet HTML 60Page - Agere Systems OR4E2 Datasheet HTML 61Page - Agere Systems OR4E2 Datasheet HTML 62Page - Agere Systems OR4E2 Datasheet HTML 63Page - Agere Systems OR4E2 Datasheet HTML 64Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 124 page
background image
60
60
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
FPGA States of Operation (continued)
Reconfiguration
To reconfigure the FPGA when the device is operating
in the system, a low pulse is input into PRGM or a pro-
gram command is sent to the system bus. The configu-
ration data in the FPGA is cleared, and the I/Os not
used for configuration are 3-stated. The FPGA then
samples the mode select inputs and begins reconfigu-
ration. When reconfiguration is complete, DONE is
released, allowing it to be pulled high.
Partial Reconfiguration
All ORCA device families have been designed to allow
a partial reconfiguration of the FPGA at any time. This
is done by setting a bit stream option in the previous
configuration sequence that tells the FPGA to not reset
all of the configuration RAM during a reconfiguration.
Then only the configuration frames that are to be modi-
fied need to be rewritten, thereby reducing the configu-
ration time.
Other bit stream options are also available that allow
one portion of the FPGA to remain in operation while a
partial reconfiguration is being done. If this is done, the
user must be careful to not cause contention between
the two configurations (the bit stream resident in the
FPGA and the partial reconfiguration bit stream) as the
second reconfiguration bit stream is being loaded.
Other Configuration Options
There are many other configuration options available to
the user that can be set during bit stream generation in
ORCA Foundry. These include options to enable
boundary scan and/or the MPI and/or the programma-
ble PLL blocks, readback options, and options to con-
trol and use the internal oscillator after configuration.
Other useful options that affect the next configuration
(not the current configuration process) include options
to disable the global set/reset during configuration, dis-
able the 3-state of I/Os during configuration, and dis-
able the reset of internal RAMs during configuration to
allow for partial configurations (see above). For more
information on how to set these and other configuration
options, please see the ORCA Foundry documenta-
tion.
5-5759(F)
Figure 36. Serial Configuration Data Format—Autoincrement Mode
5-5760(F)
Figure 37. Serial Configuration Data Format—Explicit Mode
CONFIGURATION DATA
CONFIGURATION DATA
1 0
01
01
PREAMBLE LENGTH
ID FRAME
CONFIGURATION
CONFIGURATION
POSTAMBLE
CONFIGURATION HEADER
00
00
COUNT
DATA FRAME 1
DATA FRAME 2
PREAMBLE LENGTH
ID FRAME
CONFIGURATION
CONFIGURATION
POSTAMBLE
CONFIGURATION HEADER
ADDRESS
ADDRESS
00
COUNT
DATA FRAME 1
DATA FRAME 2
FRAME 2
FRAME 1
CONFIGURATION DATA
CONFIGURATION DATA
10
0 1
0 1
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com