Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 56 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 56 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 52Page - Agere Systems OR4E2 Datasheet HTML 53Page - Agere Systems OR4E2 Datasheet HTML 54Page - Agere Systems OR4E2 Datasheet HTML 55Page - Agere Systems OR4E2 Datasheet HTML 56Page - Agere Systems OR4E2 Datasheet HTML 57Page - Agere Systems OR4E2 Datasheet HTML 58Page - Agere Systems OR4E2 Datasheet HTML 59Page - Agere Systems OR4E2 Datasheet HTML 60Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 124 page
background image
56
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
FPGA States of Operation (continued)
Initialization
Upon powerup, the device goes through an initialization
process. First, an internal power-on-reset circuit is trig-
gered when power is applied. Dedicated power pins
called VDD33 are used by the configuration logic. When
VDD33 reaches the voltage at which portions of the
FPGA begin to operate (2.0 V), the I/Os are configured
based on the configuration mode, as determined by the
mode select inputs M[2:0]. A time-out delay is initiated
when VDD33 reaches between 2.7 V to 3.0 V to allow
the power supply voltage to stabilize. The INIT and
DONE outputs are low. At powerup, if VDD33 does not
rise from 2.0 V to VDD33 in less than 25 ms, the user
should delay configuration by inputting a low into INIT,
PRGM
, or RESET until VDD33 is greater than the recom-
mended minimum operating voltage.
At the end of initialization, the default configuration
option is that the configuration RAM is written to a low
state. This prevents shorts prior to configuration. As a
configuration option, after the first configuration (i.e., at
reconfiguration), the user can reconfigure without
clearing the internal configuration RAM first. The
active-low, open-drain initialization signal INIT is
released and must be pulled high by an external resis-
tor when initialization is complete. To synchronize the
configuration of multiple FPGAs, one or more INIT pins
should be wire-ANDed. If INIT is held low by one or
more FPGAs or an external device, the FPGA remains
in the initialization state. INIT can be used to signal that
the FPGAs are not yet initialized. After INIT goes high
for two internal clock cycles, the mode lines (M[3:0])
are sampled, and the FPGA enters the configuration
state.
The high during configuration (HDC), low during config-
uration (LDC), and DONE signals are active outputs in
the FPGA’s initialization and configuration states. HDC,
LDC
, and DONE can be used to provide control of
external logic signals such as reset, bus enable, or
PROM enable during configuration. For parallel master
configuration modes, these signals provide PROM
enable control and allow the data pins to be shared
with user logic signals.
If configuration has begun, an assertion of RESET or
PRGM
initiates an abort, returning the FPGA to the ini-
tialization state. The PRGM and RESET pins must be
pulled back high before the FPGA will enter the config-
uration state. During the start-up and operating states,
only the assertion of PRGM causes a reconfiguration.
In the master configuration modes, the FPGA is the
source of configuration clock (CCLK). In this mode, the
initialization state is extended to ensure that, in daisy-
chain operation, all daisy-chained slave devices are
ready. Independent of differences in clock rates, master
mode devices remain in the initialization state an addi-
tional six internal clock cycles after INIT goes high.
When configuration is initiated, a counter in the FPGA
is set to 0 and begins to count configuration clock
cycles applied to the FPGA. As each configuration data
frame is supplied to the FPGA, it is internally assem-
bled into data words. Each data word is loaded into the
internal configuration memory. The configuration load-
ing process is complete when the internal length count
equals the loaded length count in the length count field,
and the required end of configuration frame is written.
During configuration, the PIO and PLC latches/FFs are
held set/reset and the internal BIDI buffers are
3-stated. The combinatorial logic begins to function as
the FPGA is configured. Figure 34 shows the general
waveform of the initialization, configuration, and start-
up states.
Configuration
The ORCA Series FPGA functionality is determined by
the state of internal configuration RAM. This configura-
tion RAM can be loaded in a number of different
modes. In these configuration modes, the FPGA can
act as a master or a slave of other devices in the sys-
tem. The decision as to which configuration mode to
use is a system design issue. Configuration is dis-
cussed in detail, including the configuration data format
and the configuration modes used to load the configu-
ration data in the FPGA, following a description of the
start-up state.
Start-Up
After configuration, the FPGA enters the start-up
phase. This phase is the transition between the config-
uration and operational states and begins when the
number of CCLKs received after INIT goes high is equal
to the value of the length count field in the configuration
frame and when the end of configuration frame has
been written. The system design issue in the start-up
phase is to ensure the user I/Os become active without
inadvertently activating devices in the system or caus-
ing bus contention. A second system design concern is
the timing of the release of global set/reset of the PLC
latches/FFs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com