Electronic Components Datasheet Search
  English  ▼

X  

OR4E2 Datasheet(PDF) 38 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 38 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 34Page - Agere Systems OR4E2 Datasheet HTML 35Page - Agere Systems OR4E2 Datasheet HTML 36Page - Agere Systems OR4E2 Datasheet HTML 37Page - Agere Systems OR4E2 Datasheet HTML 38Page - Agere Systems OR4E2 Datasheet HTML 39Page - Agere Systems OR4E2 Datasheet HTML 40Page - Agere Systems OR4E2 Datasheet HTML 41Page - Agere Systems OR4E2 Datasheet HTML 42Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 124 page
background image
38
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Input/Output Cells (continued)
0204(F).
Figure 24. PIO Shift Register
PIO
PIO
PIO
PIO
SHIFT REGISTER
OUT FROM FPGA
SHIFT REGISTER
INTO FPGA
CLK
Special Function Blocks
Internal Oscillator
The internal oscillator resides in the upper left corner of
the FPGA array. It has output clock frequencies of
1.25 MHz and 10 MHz. The internal oscillator is the
source of the internal CCLK used for configuration. It
may also be used after configuration as a general-
purpose clock signal.
Global Set/Reset (GSRN)
The GSRN logic resides in the lower-right corner of the
FPGA. GSRN is an invertible (default active-low) signal
that is used to reset all of the user-accessible latches/
FFs on the device. GSRN is automatically asserted at
powerup and during configuration of the device.
The timing of the release of GSRN at the end of config-
uration can be programmed in the start-up logic
described below. Following configuration, GSRN may
be connected to the RESET pin via dedicated routing, or
it may be connected to any signal via normal routing.
Within each PFU and PIO, individual FFs and latches
can be programmed to either be set or reset when
GSRN is asserted. Series 4 allows individual PFUs and
PIOs to turn off the GSRN signal to its latches/FFs
after configuration.
The RESET input pad has a special relationship to
GSRN. During configuration, the RESET input pad
always initiates a configuration abort, as described in
the FPGA States of Operation section. After configura-
tion, the GSRN can either be disabled (the default),
directly connected to the RESET input pad, or sourced
by a lower-right corner signal. If the RESET input pad is
not used as a global reset after configuration, this pad
can be used as a normal input pad.
Start-Up Logic
The start-up logic block can be configured to coordi-
nate the relative timing of the release of GSRN, the
activation of all user I/Os, and the assertion of the
DONE signal at the end of configuration. If a start-up
clock is used to time these events, the start-up clock
can come from CCLK, or it can be routed into the start-
up block using lower-right corner routing resources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com