Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 31Page - Texas Instruments PCM9211 Datasheet HTML 32Page - Texas Instruments PCM9211 Datasheet HTML 33Page - Texas Instruments PCM9211 Datasheet HTML 34Page - Texas Instruments PCM9211 Datasheet HTML 35Page - Texas Instruments PCM9211 Datasheet HTML 36Page - Texas Instruments PCM9211 Datasheet HTML 37Page - Texas Instruments PCM9211 Datasheet HTML 38Page - Texas Instruments PCM9211 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
The relationship between SFSOUT[3:0] outputs and the range of sampling frequency fS is shown in Table 8.
Table 8. Calculated Biphase Sampling Frequency Output
CALCULATED SAMPLING FREQUENCY OUTPUT(1)
ACTUAL SAMPLING
NOMINAL fS
FREQUENCY RANGE
SFSOUT3
SFSOUT2
SFSOUT1
SFSOUT0
Out of range
Out of range
0
0
0
0
8 kHz
7.84 kHz to 8.16 kHz
0
0
0
1
11.025 kHz
10.8045 kHz to 11.2455 kHz
0
0
1
0
12 kHz
11.76 kHz to 12.24 kHz
0
0
1
1
16 kHz
15.68 kHz to 16.32 kHz
0
1
0
0
22.05 kHz
21.609 kHz to 22.491 kHz
0
1
0
1
24 kHz
23.52 kHz to 24.48 kHz
0
1
1
0
32 kHz
31.36 kHz to 32.64 kHz
0
1
1
1
44.1 kHz
43.218 kHz to 44.982 kHz
1
0
0
0
48 kHz
47.04 kHz to 48.96 kHz
1
0
0
1
64 kHz
62.72 kHz to 65.28 kHz
1
0
1
0
88.2 kHz
86.436 kHz to 89.964 kHz
1
0
1
1
96 kHz
94.08 kHz to 97.92 kHz
1
1
0
0
128 kHz
125.44 kHz to 130.56 kHz
1
1
0
1
176.4 kHz
172.872 kHz to 179.928 kHz
1
1
1
0
192 kHz
188.16 kHz to 195.84 kHz
1
1
1
1
(1)
The flag SFSOUT[3:0] is output from the register and MPIOs are assigned as SFSOUT[3:0].
'0' or '1' indicates the register output data. The symbol 'H' or 'L' refers to the MPIO output electrical signal.
The Biphase Sampling Frequency Calculator is also used for restricting the type of data that can be received.
1. If Register 27h/MSK128 is set to '1', the PCM9211 does not accept 128-kHz sampling frequency data
2. If Register 27h/MSK64 is set to '1', the PCM9211 does not accept 64-kHz sampling frequency data.
3. If Register 27h/NOMLMT is set to '1', the PCM9211 only accepts the nominal audio sampling frequency
within ±2%.The nominal audio sampling frequencies are 8 kHz, 11.025 kHz, 12 kHz, 16 kHz, 22.05 kHz, 24
kHz,32 kHz, 44.1 kHz, 48 kHz, 64 kHz, 88.2 kHz, 96 kHz, 128 kHz, 176.4 kHz, and 192 kHz.
4. For Register 27h/HILMT[1:0] and Register 27h/LOLMT[1:0]: These registers are used for setting a higher or
lower limit to the acceptable sampling frequency.
Register 21h/RXFSRNG is used for global control of the acceptable sampling frequencies. If normal mode is
selected, the range of acceptable sampling frequency is restricted from 28 kHz to 108 kHz. If wide mode is
selected, the range is from 7 kHz to 216 kHz.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com