Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 2Page - Texas Instruments PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments PCM9211 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
PCM9211
SBAS495 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: Digital Audio I/F Receiver (DIR)
All specifications at TA = +25°C, VCC = VDD = VDDRX = 3.3 V, and VCCAD = 5 V, unless otherwise noted.
PCM9211
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIR, COAXIAL INPUT AMPLIFIER (RXIN0 and RXIN1)
Input resistance
20
k
Ω
Input voltage
0.2
VPP
Input hysteresis
50
mV
Input sampling frequency
7
216
kHz
DIR, BIPHASE SIGNAL INPUT and PLL
Normal mode
28
108
kHz
Input biphase sampling
frequency range
Wide mode
7
216
kHz
Input sampling frequency
IEC60958-3 (2003-01)
Level III (±12.5%)
accuracy
Jitter tolerance
IEC60958-3 (2003-01)
IEC60958-3
From biphase signal detection to error out
PLL lock up time(1)
100
ms
release (ERROR = L)
DIR, RECOVERED CLOCK and DATA
Serial audio data width
16
24
Bits
128fS
0.896
27.648
MHz
System clock frequency
256fS
1.792
55.296
MHz
512fS
3.584
55.296
MHz
Bit clock frequency
64fS
0.448
13.824
MHz
LR clock frequency
fS
7
216
kHz
fS = 48 kHz, SCKO = 256fS, measured
System clock jitter
50
100
ps, rms
period jitter
System clock duty cycle
50% reference
±5
±5
%
DIT
Output biphase sampling
7
216
kHz
frequency
128fS
0.896
27.648
MHz
Input system clock frequency
256fS
1.792
55.296
MHz
512fS
3.584
55.296
MHz
Input bit clock frequency
64fS
0.448
13.824
MHz
Input LR clock frequency
fS
7
216
kHz
OSCILLATOR CIRCUIT, XTI and XMCKO CLOCK
XTI source clock frequency
24.576
MHz
Frequency accuracy
–100
100
ppm
XTI input clock duty cycle
45
55
%
XMCKO frequency
24.576
MHz
XMCKO output duty cycle
50% reference
±5
±5
%
PCM OUTPUT PORT (SCKO, BCK, LRCK, DOUT)
System clock frequency
128fS / 256fS / 512fS
0.896
55.296
MHz
Bit clock output frequency
64fS
0.448
13.824
MHz
LR clock output frequency
fS
7
216
kHz
ROUTING
System clock frequency
128fS / 256fS / 512fS
0.896
55.296
MHz
Bit clock output Frequency
64fS
0.448
13.824
MHz
LR clock output frequency
fS
7
216
kHz
(1)
PLL lock-up time varies with ERROR release wait time setting (Register 23h/ERRWT). Therefore, lock-up time in this table shows the
value at ERRWT = 11 as the shortest time setting.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com