Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM9211 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 29Page - Texas Instruments PCM9211 Datasheet HTML 30Page - Texas Instruments PCM9211 Datasheet HTML 31Page - Texas Instruments PCM9211 Datasheet HTML 32Page - Texas Instruments PCM9211 Datasheet HTML 33Page - Texas Instruments PCM9211 Datasheet HTML 34Page - Texas Instruments PCM9211 Datasheet HTML 35Page - Texas Instruments PCM9211 Datasheet HTML 36Page - Texas Instruments PCM9211 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 121 page
background image
InterruptSource
MaskBit
ToINTx
DIR
INT0/1
Mask
INT0/1
Register
f Calculator
Complete
S
‘1’
NPCM/INT1
ExternalPin
ERR/INT0
ExternalPin
Hi-Z
Hi-Z
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Upon receipt of an interrupt source (such as fS Calculator Complete), INT0 or INT1 performs a bitwise evaluation
of AND (&) with an inverted mask [Register 2Ah (INT0) and Register 2Bh (INT1)], then perform an eight-way OR
of the data. If the output is '1', then INTx is set to '1', which can be used to trigger an interrupt in the host DSP.
The host can then poll the INTx register to determine the interrupt source. Figure 27 shows the logic that the
device uses to mask the DIR interrupts from the INTx register.
Figure 27. DIR Interrupt Mask Logic
Once the register is read, each of the bits in the register (INT0 and INT1) are cleared. If the signal is routed to
ERR/INT0 or NPCM/INT1, the output pin is also cleared.
By default, the mask registers are set to mask all inputs; that is, all inputs are rejected, in which case no interrupt
can be seen on the output until the mask is changed.
A block diagram for the error output and interrupt output is shown in Figure 28.
Figure 28. Error Output and Interrupt Output Block Diagram
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com